Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7ML-YV2-R/F1 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R7ML-YV2-R/F1
Description  Remote I/O R7 Series MECHATROLINK I/O MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7ML-YV2-R/F1 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R7ML-YV2-R/F1 Datasheet HTML 1Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 2Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 3Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 4Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 5Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 6Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 7Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 8Page - M-System Co.,Ltd. R7ML-YV2-R/F1 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
MODEL: R7ML
http://www.m-system.co.jp/
R7ML SPECIFICATIONS
ES-7805 Rev.11 Page 4/40
0
1 2 3 4 5 6 7 8 9 A B C D E F
10
11
12
13
2
3
4
1
15
16
17
18
7
8
9
6
14
5
Discrete I/O Status Indicator LED
I/O Terminals
• DISCRETE, 16 POINTS
CONNECTION DIAGRAMS
■ POWER SUPPLY TERMINAL ASSIGNMENT
4
NC
5
NC
6
+24V
1
NC
2
NC
3
FG
7
0V
NO.
ID
FUNCTION, NOTES
1
NC
----
2
NC
----
3
FG
FG
4
NC
----
5
NC
----
6
+24V
Power input (24V DC)
7
0V
Power input (0V)
■ MECHATROLINK CONNECTION
SRD
+
SRD
–
SLD
Master
termi-
nator
termi-
nator
*Terminator
Be sure to connect the terminating resistors to the unit at both ends of transmission line.
Use the terminating resistor dedicated for MECHATROLINK: Model JEPMC-W6022, Yaskawa Controls Co., Ltd.
Certain types of Master units may have incorporated terminating resistors. Consult the instruction manual for the Master.
SRD
+
SRD
–
SLD
SRD
+
SRD
–
SLD
Slave
SRD
+
SRD
–
SLD
SRD
+
SRD
–
SLD
Slave
SRD
+
SRD
–
SLD
MECHATROLINK
Cable
MECHATROLINK
Cable
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com