Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTPC Datasheet(PDF) 9 Page - Linear Technology

Part # LTPC
Description  100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTPC Datasheet(HTML) 9 Page - Linear Technology

Back Button LTPC Datasheet HTML 4Page - Linear Technology LTPC Datasheet HTML 5Page - Linear Technology LTPC Datasheet HTML 6Page - Linear Technology LTPC Datasheet HTML 7Page - Linear Technology LTPC Datasheet HTML 8Page - Linear Technology LTPC Datasheet HTML 9Page - Linear Technology LTPC Datasheet HTML 10Page - Linear Technology LTPC Datasheet HTML 11Page - Linear Technology LTPC Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC1983-3/LTC1983-5
9
sn1983 1983fs
problem in the low IQ mode, it is necessary to switch the
part in and out of shutdown at the minimum allowable
frequency (refer to Figure 3) for a given output load.
General Layout Considerations
Due to the high switching frequency and high transient
currents produced by the LTC1983, careful board layout is
a must. A clean board layout using a ground plane and
short connections to all capacitors will improve perfor-
mance and ensure proper regulation under all conditions
(refer to Figures 4a and 4b). You will not get advertised
performance with careless layout.
Figure 3
OUTPUT CURRENT (
µA)
1
10
100
1000
1000
1983 F03b
1
10
100
SHDN ON PULSE WIDTH = 200
µs
COUT = 10µF
Figure 4a. Recommended Component
Placement for a Single Layer Board
Figure 4b. Recommended Component
Placement for a Double Layer Board
1
VIN
2
VOUT
3
C +
SHDN
6
GND
5
C
4
COUT
CFLY
VIN: 2.3V TO 5.5V
VOUT
1983 F04a
CIN
1 VIN
2 VOUT
3 C +
SHDN 6
GND 5
C 4
CIN
COUT
CFLY
VOUT
1983 F04b
BOTTOM LAYER
TOP LAYER
OPERATIO
(Refer to Block Diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com