Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTPC Datasheet(PDF) 4 Page - Linear Technology

Part # LTPC
Description  100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTPC Datasheet(HTML) 4 Page - Linear Technology

  LTPC Datasheet HTML 1Page - Linear Technology LTPC Datasheet HTML 2Page - Linear Technology LTPC Datasheet HTML 3Page - Linear Technology LTPC Datasheet HTML 4Page - Linear Technology LTPC Datasheet HTML 5Page - Linear Technology LTPC Datasheet HTML 6Page - Linear Technology LTPC Datasheet HTML 7Page - Linear Technology LTPC Datasheet HTML 8Page - Linear Technology LTPC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC1983-3/LTC1983-5
4
sn1983 1983fs
TYPICAL PERFOR A CE CHARACTERISTICS
Burst Mode Input Current
vs VIN (LTC1983-3)
VIN (V)
3.1
26.5
27.0
28.0
28.5
29.0
4.1
5.1
5.5
31.0
1983 G10
27.5
3.6
4.6
29.5
30.0
30.5
TA = 25°C
TEMPERATURE (
°C)
–50
10
12
14
150
1983 G11
8
6
0
0
50
100
4
2
18
16
VIN = 5V
VIN = 3V
IOUT = 10mA
TEMPERATURE (
°C)
–50
0
0.1
0.3
0.4
0.5
1.0
0.7
0
50
1983 G12
0.2
0.8
0.9
0.6
100
150
ROUT vs Temperature
(IOUT = 10mA)
SHDN Pin Threshold Voltage
vs Temperature
SHDN Pin Input Current
vs Temperature
ROUT vs CFLY (VIN = 5V)
TEMPERATURE (
°C)
–50
2.0
2.5
3.5
100
1983 G13
1.5
1.0
0
50
150
0.5
0
3.0
CFLY (µF)
0.01
1400
VIN = 5V
TA = 25°C
1200
1000
800
600
400
200
1983 G14
0.1
1
0
VOUT Start-Up into 100mA
Resistive Load
VOUT Ripple at 100mA Load
VOUT Ripple at 30mA Load
VOUT Load Step Reponse from
IOUT = 0 to IOUT = 100mA
VOUT
1V
VIN
5V
VOUT
20mV
50
µs/DIV
1983 G15
1
µs/DIV
1983 G16
VOUT
20mV
2.5
µs/DIV
1983 G17
VOUT
20mV
100
µs/DIV
1983 G18
IOUT
100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com