Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTPC Datasheet(PDF) 10 Page - Linear Technology

Part # LTPC
Description  100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTPC Datasheet(HTML) 10 Page - Linear Technology

Back Button LTPC Datasheet HTML 4Page - Linear Technology LTPC Datasheet HTML 5Page - Linear Technology LTPC Datasheet HTML 6Page - Linear Technology LTPC Datasheet HTML 7Page - Linear Technology LTPC Datasheet HTML 8Page - Linear Technology LTPC Datasheet HTML 9Page - Linear Technology LTPC Datasheet HTML 10Page - Linear Technology LTPC Datasheet HTML 11Page - Linear Technology LTPC Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC1983-3/LTC1983-5
10
sn1983 1983fs
TYPICAL APPLICATIO S
VIN
SHDN
C +
VOUT
GND
C –
LTC1983-5
VIN
2.5V TO 5.5V
VOUT
–VIN
10
µF
10
µF
CERAMIC
1
µF
CERAMIC
OFF ON
1983 TA04
VIN
SHDN
C +
VOUT
GND
C –
LTC1983-5
VIN
2.5V
VOUT
–2.5V
1
µF
CERAMIC
4.7
µF
CERAMIC
0.47
µF
CERAMIC
OFF ON
1983 TA03
2.5V to –2.5V DC/DC Converter
100mA Inverting DC/DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com