Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M69KB096AA70CW8 Datasheet(PDF) 30 Page - STMicroelectronics

Part # M69KB096AA70CW8
Description  64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AA70CW8 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M69KB096AA70CW8 Datasheet HTML 26Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 27Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 28Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 29Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 30Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 31Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 32Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 33Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
M69KB096AA
30/48
Figure 20. LB/UB Controlled, Synchronous Burst Read (4-word) AC Waveforms
Note: 1. Non default BCR Register settings: 3 clock cycle latency; WAIT active Low; WAIT asserted during delay.
2. The Burst Length bits BCR0 to BR2 are set to ‘001’ (4 Words).
3. Clock rates lower than 50MHz (clock period higher than 20ns) are allowed as long as tELKH specifications are met.
A0-A21
WAIT
DQ0-DQ15
K
tAVKH
tKHKH
tKHAX
tKHQV1
VALID
ADDRESS
tKHQX2
tEHQZ
tKHEH
tLLKH
tGLQX
tEHEL
tELKH
tWHKH tKHWX
tBLKH tKHBX
tGHQZ
tAVLH
tKHKL
READ Burst Identified
tKHTX
Hi-Z
VALID
OUTPUT
VALID
OUTPUT
VALID
OUTPUT
Hi-Z
Hi-Z
tGLQV
AI06785
E
G
W
LB/UB
(W = High)
tELTV
tKHQZ
Hi-Z
tKHQZ
tKHQX1
tKHQZ
L
tKHLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com