Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M69KB096AA70CW8 Datasheet(PDF) 31 Page - STMicroelectronics

Part # M69KB096AA70CW8
Description  64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AA70CW8 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M69KB096AA70CW8 Datasheet HTML 27Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 28Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 29Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 30Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 31Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 32Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 33Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 34Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
31/48
M69KB096AA
Figure 21. Synchronous Burst Read Suspend and Resume Waveforms
Note: 1. Non default BCR Register settings: 3 clock cycle latency; WAIT active Low; WAIT asserted during delay.
2. Clock rates lower than 50MHz (clock period higher than 20ns) are allowed as long as tELKH specifications are met.
0-A21
WAIT
0-D15
tAVKH
tKLKL
tKHAX
tKHQX2
tEHQZ
tLLKH
tGLQX
tEHEL
tELKH
tWHKH
tKHWX
tBLKH
tKHBX
tGHQZ
tAVLH
tKHKL
Hi-Z
Valid
Output
Hi-Z
Hi-Z
AI08760c
W
B/UB
tKHQV1
L
Valid
Output
Valid
Address
Valid
Address
tGLQV
tGHQZ
Valid
Output
Valid
Output
Valid
Output
Valid
Output
tKHLH
tLLKH
tKH
tGLQX
tGLQV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com