Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M69KB096AA70CW8 Datasheet(PDF) 40 Page - STMicroelectronics

Part # M69KB096AA70CW8
Description  64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AA70CW8 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M69KB096AA70CW8 Datasheet HTML 36Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 37Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 38Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 39Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 40Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 41Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 42Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 43Page - STMicroelectronics M69KB096AA70CW8 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
M69KB096AA
40/48
Table 17. Asynchronous Write AC Characteristics
Symbol
Alt.
Parameter
M69KB096AA
Unit
70ns
85ns
Min
Max
Min
Max
tAVEL
tAVWL
tAVBL
tLLWL
tELWL
tAS
Address Setting Time
0
0
µs
tLHAX
tAVH
L High to Address Transition
5
5
ns
tAVLH
tAVS
Address Valid to L High
10
10
ns
tAVWH
tAVBH
tAW
Address Valid to Write Enable High
Address Valid to Upper/Lower Byte Enable Transition
70
85
ns
tBLBH
tBLEH
tBLWH
tBW
Upper/Lower Byte Enable Low to End of Write Operation
70
85
ns
tELTV
tCEW
Chip Enable Low to WAIT Valid
1
7.5
1
7.5
ns
tAXCH
tCKA
In Mixed-Mode Operation: Delay between Address
Transition in Asynchronous Write mode and Clock High in
Burst Read mode
70
85
ns
tEHEL
tCPH
Chip Enable High between Subsequent Asynchronous
Operations
55
ns
tELLH
tBLLH
tCVS
Chip Enable Low to L High
10
10
ns
tELBH
tELWH
tCW
Chip Enable Low to End of Write Operation
70
85
ns
tEHDX
tWHDX
tBHDX
tDH
Input Hold from End of Write Operation
0
0
ns
tDVEH
tDVBH
tDVWH
tDW
Data to Write Time Overlap
23
23
ns
tLLLH
tVP
L Pulse Width Low
10
10
ns
tLHLL
tVPH
L Pulse Width High
10
10
ns
tLLWH
tVS
L Low to Write Enable High
70
85
ns
tAVAX
tWHWH
tWC
Write Cycle Time
70
85
ns
tWLBH
tWLEH
tWLWH
tWP
Write Pulse Width
46
55
ns
tWHWL
tWPH
Write Enable Pulse Width High
10
10
ns
tWHAX
tWR
Write Enable High to Address Transition
0
0
ns
tWLDV
tWHZ
Write Enable Low to Data Valid
8
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com