Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

80C32MODULE-DIP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # 80C32MODULE-DIP
Description  Convenient Test Points Provided On-Board
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

80C32MODULE-DIP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button 80C32MODULE-DIP Datasheet HTML 4Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 5Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 6Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 7Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 8Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 9Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 10Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 11Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Source Code
Complete source code for both MAX110.EXE and
110CODE.MAX is provided on disk. MAX110.EXE was
written using Borland C++ version 3.0, and
110CODE.MAX was written using the Avocet 8051
Macro Assembler.
The most relevant subroutine in 110CODE.ASM is
Config110 (see Listing 1). This subroutine writes the
configuration word while simultaneously reading the
data from the MAX110 EV kit. Note that the configura-
tion word does not take effect until the next read/write
operation. Macros have been used to help make the
subroutine easier to understand.
Figures 1 and 2 show the timing specifications. The
80C32 module uses an 11.0592MHz clock, so the
instruction cycle time is 1.085µs per instruction cycle.
SCK must be low before
–
C
—
S
–
is activated. SCK’s pulse
width is 4.35µs, with period 17.33µs. The most signifi-
cant bit is sent first. Configuration data is valid 1.14µs
before the rising edge of SCK. Data from the MAX110
is sampled while SCK is high.
The communication protocol used between MAX110.EXE
and 110CODE is very simple. MAX110.EXE sets up a
configuration word by sending “Cxxxx”, where xxxx
represents the hexadecimal configuration word value.
MAX110.EXE then sends the “R” command, which
writes and reads the MAX110, and prints the hexadeci-
mal value it reads from the EV kit.
Note that the RAM resident code 110CODE.MAX resets
the MAX110 EV kit by sending three configuration bytes
in order: 8C8Ch, 8C88h, and 8C80h. These configura-
tion words reset the MAX110 by turning on auto-null
and gain-calibration mode together, then turning off
auto null, and finally turning off gain calibration. The
MAX110 internally divides the 1.024MHz crystal oscilla-
tor clock by two, for an effective clock of 512kHz. The
program uses the 16-bit resolution mode, unless other-
wise instructed by the user.
Source files SERCMD.C and MAX110.C form the core
interface to the MAX110 EV kit. To write your own pro-
grams using these files, read example programs
SIMPLE.C and NOISE.CPP, and the header files
SERCMD.H and MAX110.H. Both SERCMD and
MAX110 may be compiled under C or C++.
MAX110 Evaluation System/Evaluation Kit
8
_______________________________________________________________________________________
PIN No.
80C32
MAX110
FUNCTION
1–4
GND
GND
Ground
7, 8
+5V
+5V
+5V Supply to MAX110 EV Kit
27
P1.0
–
C
—
S
–
Active-Low Chip Select to MAX110
28
P1.1
SCK
Rising-Edge Clock Input to MAX110
29
P1.2
DIN
Serial Data Input to MAX110
30
P1.3
DOUT
Serial Data Output from MAX110
31
P1.4
–
B
—
U
—
S
—
Y
–
Active-Low Busy Output from MAX110
Table 10. Data-Connector Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com