Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

80C32MODULE-DIP Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # 80C32MODULE-DIP
Description  Convenient Test Points Provided On-Board
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

80C32MODULE-DIP Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button 80C32MODULE-DIP Datasheet HTML 11Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 12Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 13Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 14Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 15Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 16Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 17Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 18Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
MAX110 Evaluation System/Evaluation Kit
______________________________________________________________________________________
17
Figure 8. 80C32 Module Schematic (continued)
0
1
2
3
4
5
6
7
10
9
8
7
6
5
4
3
25
24
21
23
2
26
1
20
8
9
10
11
12
13
14
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
11
12
13
15
16
17
18
19
1
19
12
13
RS1
10k
0
1
2
3
ADDR0-4
15-18
DB00-DB07
19-26
-CS0 - -CS3
11-14
-RD 9
-WR 10
RESERVED
35-40
+5V
7-8
V++
5-6
GND
1-4
SW2 POWER SWITCH
VIN
GND
78M05
U9
C4-C12
0.1
µF
C3
47
µF
C13
47
µF
+
+
R1
620
Ω
POWER
LED
+5V
C14 47
µF
22
27
U8
62256
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
-CS
-OE
-WR
A1
A8
B1
B8
74HCT
/245
U7
12
11
10
9
0
1
2
3
14
13
15
A0
A1
EN
LS139
U5
POWER CONNECTOR
H
+5V
VOUT VIN
EN
DIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com