Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

80C32MODULE-DIP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # 80C32MODULE-DIP
Description  Convenient Test Points Provided On-Board
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

80C32MODULE-DIP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button 80C32MODULE-DIP Datasheet HTML 7Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 8Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 9Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 10Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 11Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 12Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 13Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 14Page - Maxim Integrated Products 80C32MODULE-DIP Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MAX110 Evaluation System/Evaluation Kit
______________________________________________________________________________________
11
U1
U4
C1
*
0.1
µF
C16
*
1
µF
J2
J3
IN1+
IN1+
IN1–
R2
*
1k
Ω
R1
*
1k
Ω
CS
J7
2
+5V
VREF+
VREF–
VREF+
VREF–
47
6
14
13
15
16
3
4
5
6
7
8
2
1
2
R10
2.43k
Ω
1%
R9
200
Ω
R11
10k
Ω
1%
R12
100k
Ω
OPTIONAL
3
1
CS
DOUT
DOUT
DIN
DIN
BUSY
BUSY
SCK
SCK
R5 10k SIP
XCK
RCSEL
J4
1
2
3
J1
3
2
1
J5
1
2
3
C2
*
0.1
µF
C11
10
µF
C13
10
µF
R8
100
Ω
C17
*
1
µF
C10
0.1
µF
C9
0.1
µF
C18
*
1
µF
C8
*
0.1
µF
C4
0.1
µF
C7
0.1
µF
IN2+
IN2–
IN1–
IN2+
IN2–
VSS
VDD
12
11
10
9
GND
R4
*
1k
Ω
R3
*
1k
Ω
J9
C15
10
µF
C3
0.1
µF
C12
10
µF
C14
10
µF
C5
0.1
µF
R6
100
Ω
R7
100
Ω
VSS
MAX110
MAX111
MAX873
U3
1.024
MHz
CLOCK
14
+5V
+5V
+5V
+5V
7- 8
GND
EXT CLK
1- 4
P1.0
27
P1.1
28
P1.2
29
P1.3
30
P1.4
31
7
8
C6
1
µF
U2
7660
–5V
8
+5V
+5V
3
23
45
6
7
8
4
2
5
GND
*NOTE:
C1, C2, C8, C16, C17, C18,
R1–R4 ARE OPTIONAL NOISE
FILTERS FOR HIGH-IMPEDANCE
SOURCES.
J8
Figure 3. MAX110 EV Kit Schematic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com