Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TGC4510-SMEVBLL Datasheet(PDF) 13 Page - Qorvo, Inc

Part # TGC4510-SMEVBLL
Description  K - Band Upconverter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGC4510-SMEVBLL Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button TGC4510-SMEVBLL Datasheet HTML 9Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 10Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 11Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 12Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 13Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 14Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 15Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 16Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 17Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TGC4510-SM
K - Band Upconverter
Data Sheet Rev I, June 2020 | Subject to change without notice
13 of 25
www.qorvo.com
®
Performance Plots
– Conversion Gain vs. Temperature
Test conditions unless otherwise noted: VDLO1, VDLO23 = 3.3 V, VGLO = - 0.7 V, IDLO1+IDLO23 = 140 to 200 mA, VDRF = 5.0 V,
VGRF = - 0.75 V, IDRF = 340 to 380 mA, VGX = - 1.2 V, 25 °C. Data taken with external IF hybrid and LO nulling applied.
0
2
4
6
8
10
12
14
16
18
20
17
18
19
20
21
22
23
24
25
26
27
RF Frequency (GHz)
LSB Conversion Gain vs. RF Frequency
vs. Temperature
State: Max Gain; LO power = 6 dBm, IF = 1 GHz
-40
°C
+25
°C
+85
°C
0
2
4
6
8
10
12
14
16
18
20
17
18
19
20
21
22
23
24
25
26
27
RF Frequency (GHz)
LSB Conversion Gain vs. RF Frequency
vs. Temperature
State: Max Gain; LO power = 6 dBm, IF = 2 GHz
-40
°C
+25
°C
+85
°C
0
2
4
6
8
10
12
14
16
18
20
17
18
19
20
21
22
23
24
25
26
27
RF Frequency (GHz)
USB Conversion Gain vs. RF Frequency
vs. Temperature
State: Max Gain; LO power = 6 dBm, IF = 2 GHz
-40°C
+25°C
+85°C
0
2
4
6
8
10
12
14
16
18
20
17
18
19
20
21
22
23
24
25
26
27
RF Frequency (GHz)
LSB Conversion Gain vs. RF Frequency
vs. Temperature
State: Max Gain; LO power = 6 dBm, IF = 3.3 GHz
-40
°C
+25
°C
+85
°C
0
2
4
6
8
10
12
14
16
18
20
17
18
19
20
21
22
23
24
25
26
27
RF Frequency (GHz)
USB Conversion Gain vs. RF Frequency
vs. Temperature
State: Max Gain; LO power = 6 dBm, IF = 3.3 GHz
-40°C
+25°C
+85°C
0
2
4
6
8
10
12
14
16
18
20
17
18
19
20
21
22
23
24
25
26
27
RF Frequency (GHz)
USB Conversion Gain vs. RF Frequency
vs. Temperature
State: Max Gain; LO power = 6 dBm, IF = 1 GHz
-40°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com