Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TGC4510-SMEVBLL Datasheet(PDF) 4 Page - Qorvo, Inc

Part # TGC4510-SMEVBLL
Description  K - Band Upconverter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGC4510-SMEVBLL Datasheet(HTML) 4 Page - Qorvo, Inc

  TGC4510-SMEVBLL Datasheet HTML 1Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 2Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 3Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 4Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 5Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 6Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 7Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 8Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TGC4510-SM
K - Band Upconverter
Data Sheet Rev I, June 2020 | Subject to change without notice
4 of 25
www.qorvo.com
®
Thermal and Reliability Information
Parameter
Conditions
Rating
Thermal Resistance, θJC, measured to back of package
Tbase = 85 °C
θJC = 19.6 °C/W
Channel Temperature (Tch), and Median Lifetime (Tm)
Tbase = 85 °C, VDLO = 3.0 V,
IDLO=260 mA, VDRF = 5.0 V,
IDRF=360 mA, Pdiss = 2.6 W
Tch = 136 °C
Tm = 5.2 E+06 Hours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com