Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TGC4510-SMEVBLL Datasheet(PDF) 21 Page - Qorvo, Inc

Part # TGC4510-SMEVBLL
Description  K - Band Upconverter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGC4510-SMEVBLL Datasheet(HTML) 21 Page - Qorvo, Inc

Back Button TGC4510-SMEVBLL Datasheet HTML 17Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 18Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 19Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 20Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 21Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 22Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 23Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 24Page - Qorvo, Inc TGC4510-SMEVBLL Datasheet HTML 25Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
TGC4510-SM
K - Band Upconverter
Data Sheet Rev I, June 2020 | Subject to change without notice
21 of 25
www.qorvo.com
®
Note:
Due to bandwidth limitations of IF quad coupler, two versions of coupler were used on EVBs,
users need to choose low or high band of IF to be used, in addition to LSB and USB selection.
Refer to ordering information section for details.
Application Circuit Components
Bill of Material
Ref Des
Value
Description
Manufacturer
Part Number
C1
– C9, C13
100 pF
Cap, 0603, 25 V, +/- 5%, NPO
various
C10
– C12, C14 – C18
1 µF
Cap, 0603, 25 V, 10%, X7R
various
L1
– L2
27 nH
Ind, 0603, 2%, 0.6A, SMD
various
R5
0 Ω
Res, 0402, 1/10 W, 5%, SMD
various
Q1
Ku-Band Up-Converter
QORVO
TGC4510-SM
LSB Configuration
Ref Des
Value
Description
Manufacturer
Part Number
X1 (For Low IF)
IF Quad Coupler, 1.35 to 2.45 GHz
Mini-Circuits
QCN-25+
X1 (For High IF)
IF Quad Coupler, 2.5 to 4.0 GHz
Mini-Circuits
QCN-45+
R1
0 Ω
Res, 0402, 1/10 W, 5%, SMD
various
R4
50 Ω
Res, 0402, 1/8 W, 1%, SMD
various
R2, R3
DNP
USB Configuration
Ref Des
Value
Description
Manufacturer
Part Number
X1 (For Low IF)
IF Quad Coupler, 1.35 to 2.45 GHz
Mini-Circuits
QCN-25+
X1 (For High IF)
IF Quad Coupler, 2.5 to 4.0 GHz
Mini-Circuits
QCN-45+
R3
0 Ω
Res, 0402, 1/10 W, 5%, SMD
various
R2
50 Ω
Res, 0402, 1/8 W, 1%, SMD
various
R1, R4
DNP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com