Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMX150RHA-704 Datasheet(PDF) 5 Page - Microchip Technology

Part # ATMX150RHA-704
Description  Rad-Hard 150 nm SOI CMOS Cell-based ASIC for Space Use
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMX150RHA-704 Datasheet(HTML) 5 Page - Microchip Technology

  ATMX150RHA-704 Datasheet HTML 1Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 2Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 3Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 4Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 5Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 6Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 7Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 8Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
2.
Periphery
2.1
Buffer Descriptions
The peripheral I/O buffer is the electrical interface between the external signals (voltage range from 2.3V to 3.6V and
from 4.5V to 5.5V) and the internal core signals (from 1.65V to 1.95V).
I/O libraries are:
• IO5V0 I/O – Powered at 5V
• IO3V3 I/O – Powered at 3.3V
• IO2V5 I/O – Powered at 2.5V, 3.3V tolerant
All I/O buffers are cold sparing and include:
• Bidirectional I/O buffers
• Tristate-output I/O buffers
• Output-only I/O buffers
• Input-only I/O buffers (inverting, non-inverting, Schmitt trigger)
Furthermore, the bidirectional, tristate-output and input-only I/O buffers are available with or without pull-up or
pull-down structures.
Specific I/O buffers have been developed in 3.3V and 2.5V:
• LVDS transmitter and receiver differential I/O buffers.
• LVPECL receiver differential I/O buffers
• In 3.3V, PCI-compliant output buffer
I/O buffers are tolerant, that is, the pad signal can be higher than VCCB when it is high impedance (input or
bidirectional buffers, tristate buffers in HiZ and LVDS when disable).
I/O buffers are cold sparing, that is, the pad signal can be applied when VCCB is 0V. In both cases, tolerant or
cold sparing, there is no impact on core supply, buffer supply, and reliability, if the applied signal respects the
recommended operating conditions, and the leakage current is less than 1µA.
2.2
I/O Clusters
The periphery of the chip (pad ring) can be split into several I/O segments (I/O clusters). Some clusters can be
unpowered while others are active.
A specific power control line is distributed inside the cluster to force all the I/Os of the cluster in tristate mode
regardless of their initial state (i.e., an output-only buffer will also be turned to HiZ mode).
2.3
Double Pad Ring
In case of a large number of IOs, Microchip can provide a double pad ring configuration, where the inner ring is used
exclusively for core power supply pads.
ATMX150RHA
Periphery
© 2021 Microchip Technology Inc.
Datasheet
DS60001543C-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com