Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMX150RHA-704 Datasheet(PDF) 7 Page - Microchip Technology

Part # ATMX150RHA-704
Description  Rad-Hard 150 nm SOI CMOS Cell-based ASIC for Space Use
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMX150RHA-704 Datasheet(HTML) 7 Page - Microchip Technology

Back Button ATMX150RHA-704 Datasheet HTML 3Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 4Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 5Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 6Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 7Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 8Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 9Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 10Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
...........continued
IP Block
Features
REG200RHA
Linear voltage regulator from 3-5.5V to 1.8V, 200 mA
POR18RHA
Power-on Reset 1.8V
A Physical Design Kit (PDK), with a full set of basic devices, is also available to design custom analog blocks.
3.4
Array Organization
With the ATMX150RHA, the die size and the package are optimized for each mixed-signal ASIC.
However, for some digital designs, predefined matrix sizes and pad frames are available to ease the assembly of
each individual ASIC design by using available package cavity sizes and layouts.
Table 3-2. Standard Array Dimensions
Name
Single Pad Ring
Outer Ring
Pads
Double Pad Ring
Area (mm2)
Typical Usable
gates(*)
Inner Ring
Pads
Typical Usable Gates(*)
ATMX150RHA_216(D)
38
1M
216
88
0.8M
ATMX150RHA_324(D)
77
2.2M
324
140
1.7M
ATMX150RHA_404(D)
114
3.5M
404
180
2.8M
ATMX150RHA_504(D)
170
5.5M
504
232
4.4M
ATMX150RHA_544(D)
199
6.5M
544
252
5.4M
ATMX150RHA_604(D)
237
7.6M
604
284
6.7M
ATMX150RHA_644 (D)
267
8.7M
644
304
7.7M
ATMX150RHA_704(D)
316
10.4M
704
332
9.4M
(*) Based on NAND2 equivalent at 50% density, without memories
ATMX150RHA
Core
© 2021 Microchip Technology Inc.
Datasheet
DS60001543C-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com