Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMX150RHA-704 Datasheet(PDF) 8 Page - Microchip Technology

Part # ATMX150RHA-704
Description  Rad-Hard 150 nm SOI CMOS Cell-based ASIC for Space Use
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMX150RHA-704 Datasheet(HTML) 8 Page - Microchip Technology

Back Button ATMX150RHA-704 Datasheet HTML 4Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 5Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 6Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 7Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 8Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 9Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 10Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 11Page - Microchip Technology ATMX150RHA-704 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
4.
Advanced Packaging
Microchip proposes advanced multilayer low-noise CQFP and CCGA packages with isolated power and ground
planes.
CQFP packages are available with up to 352 leads and CLGA/CCGA packages with up to 896 lands/columns. In
addition to the packages listed in the following table, Microchip offers custom package development.
Table 4-1. Packages
Package
Leads/Columns
CQFP
Up to 352
CLGA/CCGA
349, 472, 625, 896
ATMX150RHA
Advanced Packaging
© 2021 Microchip Technology Inc.
Datasheet
DS60001543C-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com