Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8553DTT/AJ Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8553DTT/AJ
Description  40 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8553DTT/AJ Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8553DTT/AJ Datasheet HTML 10Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 11Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 12Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 13Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 14Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 15Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 16Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 17Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
NXP Semiconductors
PCF8553
40 × 4 LCD segment driver
HOST
MICRO-
CONTROLLER
R ≤
tr
2Cb
SDA
SCL
40 segment drives
4 backplanes
LCD PANEL
(up to 160
elements)
PCF8553
VDD
VSS
VSS
aaa-011752
VLCD
VLCD
VDD
CLK
n.c.
n.c.
n.c.
A1
A0
IFS
PORE
100 nF
100 nF
RST
The resistance of the power lines must be kept to a minimum. A decoupling capacitor of at least
100 nF is recommended for the supplies.
Figure 7. Typical system configuration using I2C-bus, internal power-on reset enabled
The host microcontroller manages the 2-line I2C-bus communication channel with the
PCF8553. The internal oscillator is used and the internal POR is enabled in the example.
The appropriate biasing voltages for the multiplexed LCD waveforms are generated
internally. The only other connections required to complete the system are the reset, the
power supplies (VDD, VSS, and VLCD) and the LCD panel chosen for the application.
HOST
MICRO-
CONTROLLER
SDIO
SCL
40 segment drives
4 backplanes
LCD PANEL
(up to 160
elements)
PCF8553
VDD
VSS
VSS
aaa-011753
VLCD
VLCD
VDD
CLK
n.c.
n.c.
n.c.
A1
A0
IFS
PORE
100 nF
100 nF
CE
RST
The resistance of the power lines must be kept to a minimum. A decoupling capacitor of at least
100 nF is recommended for the supplies.
Figure 8. Typical system configuration using SPI-bus, internal power-on reset disabled
The host microcontroller manages the 3-line SPI-bus communication channel with
the PCF8553. The internal oscillator is enabled. The appropriate biasing voltages for
the multiplexed LCD waveforms are generated internally. The only other connections
required to complete the system are reset, the power supplies (VDD, VSS, and VLCD) and
the LCD panel chosen for the application.
8.1 LCD bias generator
Fractional LCD biasing voltages are obtained from an internal voltage divider of three
impedances connected between VLCD and VSS. These intermediate levels are tapped
PCF8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 20 April 2021
14 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com