Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8553DTT/AJ Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8553DTT/AJ
Description  40 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8553DTT/AJ Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8553DTT/AJ Datasheet HTML 12Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 13Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 14Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 15Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 16Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 17Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 18Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 19Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
NXP Semiconductors
PCF8553
40 × 4 LCD segment driver
Discrimination is a term which is defined as the ratio of the on and off RMS voltages
(Von(RMS) to Voff(RMS)) across a segment. It can be thought of as a measurement of
contrast. Discrimination is determined from Equation 5:
(5)
Using Equation 5, the discrimination for an LCD drive mode of 1:3 multiplex with 1⁄2 bias
is
and the discrimination for an LCD drive mode of 1:4 multiplex with 1⁄2 bias is
.
The advantage of these LCD drive modes is a reduction of the LCD full scale voltage
VLCD as follows:
• 1:3 multiplex (1⁄2 bias):
•
1:4 multiplex (1⁄2 bias):
These compare with
when 1⁄3 bias is used.
VLCD is sometimes referred as the LCD operating voltage.
8.2.1 Electro-optical performance
Suitable values for Von(RMS) and Voff(RMS) are dependent on the LCD liquid used. The
RMS voltage, at which a pixel will be switched on or off, determine the transmissibility of
the pixel.
For any given liquid, there are two threshold values defined. One point is at 10 % relative
transmission (at Vth(off)) and the other at 90 % relative transmission (at Vth(on)), see
Figure 9. For a good contrast performance, the following rules should be followed:
(6)
(7)
Von(RMS) (see Equation 3) and Voff(RMS) (see Equation 5) are properties of the display
driver and are affected by the selection of abias, nMUX, and the VLCD voltage.
Vth(off) and Vth(on) are properties of the LCD liquid and can be provided by the module
manufacturer. Vth(off) is sometimes named Vth. Vth(on) is sometimes named saturation
voltage Vsat.
It is important to match the module properties to those of the driver in order to achieve
optimum performance.
PCF8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 20 April 2021
16 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com