Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8553DTT/AJ Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8553DTT/AJ
Description  40 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8553DTT/AJ Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8553DTT/AJ Datasheet HTML 13Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 14Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 15Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 16Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 17Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 18Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 19Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 20Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
NXP Semiconductors
PCF8553
40 × 4 LCD segment driver
VRMS [V]
100 %
90 %
10 %
OFF
SEGMENT
GREY
SEGMENT
ON
SEGMENT
Vth(off)
Vth(on)
013aaa494
Figure 9. Electro-optical characteristic: relative transmission curve of the liquid
8.2.2 LCD drive mode waveforms
8.2.2.1 Static drive mode
The static LCD drive mode is used when a single backplane is provided in the LCD. The
backplane (COMn) and segment (SEGn) drive waveforms for this mode are shown in
Figure 10.
PCF8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 20 April 2021
17 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com