Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC866PZP100A Datasheet(PDF) 18 Page - NXP Semiconductors

Part # MPC866PZP100A
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC866PZP100A Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MPC866PZP100A Datasheet HTML 14Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 15Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 16Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 17Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 18Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 19Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 20Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 21Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
18
Freescale Semiconductor
Bus Signal Timing
B12a CLKOUT to TA, BI negation (when
driven by the memory controller or
PCMCIA interface) (MAX = 0.00 x B1 +
9.00)
2.50
9.00
2.50
9.00
2.50
9.00
2.50
9.00
ns
B13
CLKOUT to TS, BB High-Z (MIN = 0.25
x B1)
7.60
21.60
6.30
20.30
5.00
19.00
3.80
14.00
ns
B13a CLKOUT to TA, BI High-Z (when driven
by the memory controller or PCMCIA
interface) (MIN = 0.00 x B1 + 2.5)
2.50
15.00
2.50
15.00
2.50
15.00
2.50
15.00
ns
B14
CLKOUT to TEA assertion (MAX =
0.00 x B1 + 9.00)
2.50
9.00
2.50
9.00
2.50
9.00
2.50
9.00
ns
B15
CLKOUT to TEA High-Z (MIN = 0.00 x
B1 + 2.50)
2.50
15.00
2.50
15.00
2.50
15.00
2.50
15.00
ns
B16
TA, BI valid to CLKOUT (setup time)
(MIN = 0.00 x B1 + 6.00)
6.00
—
6.00
—
6.00
—
6.00
—
ns
B16a TEA, KR, RETRY, CR valid to CLKOUT
(setup time) (MIN = 0.00 x B1 + 4.5)
4.50
—
4.50
—
4.50
—
4.50
—
ns
B16b BB, BG, BR, valid to CLKOUT (setup
time) 2 (4 MIN = 0.00 x B1 + 0.00 )
4.00
—
4.00
—
4.00
—
4.00
—
ns
B17
CLKOUT to TA, TEA, BI, BB, BG, BR
valid (hold time) (MIN = 0.00 x B1 +
1.00 3)
1.00
—
1.00
—
1.00
—
2.00
—
ns
B17a CLKOUT to KR, RETRY, CR valid (hold
time) (MIN = 0.00 x B1 + 2.00)
2.00
—
2.00
—
2.00
—
2.00
—
ns
B18
D(0:31), DP(0:3) valid to CLKOUT
rising edge (setup time) 4 (MIN = 0.00
x B1 + 6.00)
6.00
—
6.00
—
6.00
—
6.00
—
ns
B19
CLKOUT rising edge to D(0:31),
DP(0:3) valid (hold time) 4 (MIN = 0.00
x B1 + 1.00 5)
1.00
—
1.00
—
1.00
—
2.00
—
ns
B20
D(0:31), DP(0:3) valid to CLKOUT
falling edge (setup time) 6(MIN = 0.00
x B1 + 4.00)
4.00
—
4.00
—
4.00
—
4.00
—
ns
B21
CLKOUT falling edge to D(0:31),
DP(0:3) valid (hold Time) 6 (MIN = 0.00
x B1 + 2.00)
2.00
—
2.00
—
2.00
—
2.00
—
ns
B22
CLKOUT rising edge to CS asserted
GPCM ACS = 00 (MAX = 0.25 x B1 +
6.3)
7.60
13.80
6.30
12.50
5.00
11.30
3.80
10.00
ns
B22a CLKOUT falling edge to CS asserted
GPCM ACS = 10, TRLX = 0 (MAX =
0.00 x B1 + 8.00)
—
8.00
—
8.00
—
8.00
—
8.00
ns
Table 9. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com