Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC866PZP100A Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MPC866PZP100A
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC866PZP100A Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MPC866PZP100A Datasheet HTML 15Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 16Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 17Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 18Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 19Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 20Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 21Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 22Page - NXP Semiconductors MPC866PZP100A Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
Freescale Semiconductor
19
Bus Signal Timing
B22b CLKOUT falling edge to CS asserted
GPCM ACS = 11, TRLX = 0, EBDF = 0
(MAX = 0.25 x B1 + 6.3)
7.60
13.80
6.30
12.50
5.00
11.30
3.80
10.00
ns
B22c CLKOUT falling edge to CS asserted
GPCM ACS = 11, TRLX = 0, EBDF = 1
(MAX = 0.375 x B1 + 6.6)
10.90
18.00
10.90
16.00
7.00
14.10
5.20
12.30
ns
B23
CLKOUT rising edge to CS negated
GPCM read access, GPCM write
access ACS = 00, TRLX = 0 & CSNT =
0 (MAX = 0.00 x B1 + 8.00)
2.00
8.00
2.00
8.00
2.00
8.00
2.00
8.00
ns
B24
A(0:31) and BADDR(28:30) to CS
asserted GPCM ACS = 10, TRLX = 0
(MIN = 0.25 x B1 - 2.00)
5.60
—
4.30
—
3.00
—
1.80
—
ns
B24a A(0:31) and BADDR(28:30) to CS
asserted GPCM ACS = 11, TRLX = 0
(MIN = 0.50 x B1 - 2.00)
13.20
—
10.50
—
8.00
—
5.60
—
ns
B25
CLKOUT rising edge to OE, WE(0:3)
asserted (MAX = 0.00 x B1 + 9.00)
—
9.00
—
9.00
—
9.00
—
9.00
ns
B26
CLKOUT rising edge to OE negated
(MAX = 0.00 x B1 + 9.00)
2.00
9.00
2.00
9.00
2.00
9.00
2.00
9.00
ns
B27
A(0:31) and BADDR(28:30) to CS
asserted GPCM ACS = 10, TRLX = 1
(MIN = 1.25 x B1 - 2.00)
35.90
—
29.30
—
23.00
—
16.90
—
ns
B27a A(0:31) and BADDR(28:30) to CS
asserted GPCM ACS = 11, TRLX = 1
(MIN = 1.50 x B1 - 2.00)
43.50
—
35.50
—
28.00
—
20.70
—
ns
B28
CLKOUT rising edge to WE(0:3)
negated GPCM write access CSNT =
0 (MAX = 0.00 x B1 + 9.00)
—
9.00
—
9.00
—
9.00
—
9.00
ns
B28a CLKOUT falling edge to WE(0:3)
negated GPCM write access TRLX =
0,1, CSNT = 1, EBDF = 0 (MAX = 0.25
x B1 + 6.80)
7.60
14.30
6.30
13.00
5.00
11.80
3.80
10.50
ns
B28b CLKOUT falling edge to CS negated
GPCM write access TRLX = 0,1,
CSNT = 1, ACS = 10 or ACS = 11,
EBDF = 0 (MAX = 0.25 x B1 + 6.80)
—
14.30
—
13.00
—
11.80
—
10.50
ns
B28c CLKOUT falling edge to WE(0:3)
negated GPCM write access TRLX =
0, CSNT = 1 write access TRLX = 0,1,
CSNT = 1, EBDF = 1 (MAX = 0.375 x
B1 + 6.6)
10.90
18.00
10.90
18.00
7.00
14.30
5.20
12.30
ns
Table 9. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com