Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TQP9113 Datasheet(PDF) 6 Page - Qorvo, Inc

Part # TQP9113
Description  1 W Linear Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TQP9113 Datasheet(HTML) 6 Page - Qorvo, Inc

Back Button TQP9113 Datasheet HTML 2Page - Qorvo, Inc TQP9113 Datasheet HTML 3Page - Qorvo, Inc TQP9113 Datasheet HTML 4Page - Qorvo, Inc TQP9113 Datasheet HTML 5Page - Qorvo, Inc TQP9113 Datasheet HTML 6Page - Qorvo, Inc TQP9113 Datasheet HTML 7Page - Qorvo, Inc TQP9113 Datasheet HTML 8Page - Qorvo, Inc TQP9113 Datasheet HTML 9Page - Qorvo, Inc TQP9113 Datasheet HTML 10Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TQP9113
1 W Linear Amplifier
Datasheet Rev. J, November 1, 2019 | Subject to change without notice
6 of 15
www.qorvo.com
®
Bill of Material TQP9113-PCB2600
Ref Des
Value
Description
Manuf.
Part Number
U1
TQP9113
Qorvo
TQP9113
C10, C15, C18
1000 pF
CAP, 0603, 5%, 50V, NPO
various
C3, C11, C14
100 pF
CAP, 0603, 5%, 50V, NPO
various
C19
22 pF
CAP, 0603, 5PCT, 50V, NPO/COG
various
C20
2.0 pF
CAP, 0603, +/-0.1PF, 50V, NPO/COG
various
C21
1.0 pF
CAP, 0603, 5PCT, 50V, NPO/COG
various
C7
10 uF
CAP, 6032, 20%, 50V, Tantalum
various
R5
2.7
RES, 0603, 1PCT, 1/16W
various
R7
820
Ω
RES, 0603, 1PCT, 1/16W
various
B1, R1, R3, R6, L3, L4, L5, C9
0 Ω
RES, 0603, 1/16W, Chip
various
L2
0 Ω
RES, 0805, 1/10W, Chip
various
L1
3.3 nH
IND, 1008, 5%, Ceramic
various
C17
1000pF
CAP, 0805, 5PCT, 50V, NPO
various
2.3 – 2.7 GHz Evaluation Board (TQP9113−PCB2600)
Notes:
1.
See Evaluation Board PCB Information section for PCB material and stack-up
2.
Components (C11 and C3) are blocking capacitors and their locations are not critical to the matching network.
3.
All components are of 0603 size unless otherwise specified.
4.
Critical component placement locations:
Distance from U1 Package (right edge) to C20 (left edge): 25 mils
Distance from U1 Package (right edge) to C21 (left edge): 285 mils
1
2
3
4
5
15
14
13
12
11
L4
0
R3
0
R6
0
C7
10 uF
B1
0
C15
1000 pF
L1
3.3 nH
R1
0
R7
820
C10
1000 pF
L5
0
R5
2.7 k
C11
100 pF
C9
0
C20
2.0 pF
C21
1.0 pF
C3
100 pF
J1
RF
Input
J2
RF
Output
J3
Vcc
J4
Vpd
C14
100 pF
C17
1000 pF
L2
0
L3
0
C18
1000 pF
C19
22 pF
L1
C3
C11
C9
L2
C15
C7
U1
J3
J4
J6
J1
J2
C10
C14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com