Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TQP9113 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # TQP9113
Description  1 W Linear Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TQP9113 Datasheet(HTML) 1 Page - Qorvo, Inc

  TQP9113 Datasheet HTML 1Page - Qorvo, Inc TQP9113 Datasheet HTML 2Page - Qorvo, Inc TQP9113 Datasheet HTML 3Page - Qorvo, Inc TQP9113 Datasheet HTML 4Page - Qorvo, Inc TQP9113 Datasheet HTML 5Page - Qorvo, Inc TQP9113 Datasheet HTML 6Page - Qorvo, Inc TQP9113 Datasheet HTML 7Page - Qorvo, Inc TQP9113 Datasheet HTML 8Page - Qorvo, Inc TQP9113 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TQP9113
1 W Linear Amplifier
Datasheet Rev. J, November 1, 2019 | Subject to change without notice
1 of 15
www.qorvo.com
®
General Description
The TQP9113 is a 1 W, linear, two-stage driver amplifier
in a low-cost surface-mount package. The amplifier is
able to achieve high performance with +42
 dBm OIP3 and
+30.4
 dBm P1dB while only consuming 216 mA current.
The input is internally matched and the amplifier only
requires only a few external components for operation.
The integrated interstage match minimizes performance
variation that would otherwise be attributed to external
matching component value and placement tolerances.
The TQP9113 is bias adjustable allowing the amplifier’s
power consumption to be reduced for occasions when
linear performance is not required. The amplifier can also
switched on and off for TDD applications. The output
match is tunable externally to allow the amplifier to be
optimized for high power or high linearity applications.
The TQP9113 is available in a RoHS-compliant 20-pin
4 x 4 mm surface mount package.
20-
Pin 4 x 4 mm Leadless QFN Package
Product Features
• 1800 – 2700 MHz Frequency Range
• 27.2 dB Gain
• +42 dBm Output IP3
• +30.4 dBm P1dB
• +5 V supply, 216 mA Current
• Internal Input and Interstage Matching
• Bias Adjustable
• Power down functionality for TDD systems
Functional Block Diagram
Top View
Applications
• Wireless Infrastructure
• FDD / TDD Base Stations
• Repeaters, Boosters, DAS
• High Power Amplifiers
Ordering Information
Part No.
Description
TQP9113*
1800 – 2700 MHz Linear Amplifier
TQP9113-PCB2140
1800 – 2200 MHz Evaluation Board
TQP9113-PCB2600
2300 – 2700 MHz Evaluation Board
*Standard T/R size = 2,500 pi
eces on a 13” reel
1
2
3
4
5
15
14
13
12
11
Exposed
Backside Pad
GND
Pin 1
Reference Mark
Package Topside
NC
RFin
RFin
RFin
NC
NC
RFout
RFout
RFout
NC


Similar Part No. - TQP9113

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP9113 TRIQUINT-TQP9113 Datasheet
689Kb / 13P
1 Watt Linear Amplifier
TQP9113-PCB2140 TRIQUINT-TQP9113-PCB2140 Datasheet
689Kb / 13P
1 Watt Linear Amplifier
TQP9113-PCB2600 TRIQUINT-TQP9113-PCB2600 Datasheet
689Kb / 13P
1 Watt Linear Amplifier
More results

Similar Description - TQP9113

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
1 W BTL audio amplifier
1998 Apr 01
logo
Texas Instruments
TPA4861 TI-TPA4861 Datasheet
415Kb / 24P
1-W AUDIO POWER AMPLIFIER
logo
RF Micro Devices
RF2681 RFMD-RF2681 Datasheet
157Kb / 8P
W-CDMA LINEAR VARIABLE GAIN DRIVER AMPLIFIER
RF5188 RFMD-RF5188_1 Datasheet
210Kb / 8P
3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3165 RFMD-RF3165_1 Datasheet
177Kb / 6P
3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
logo
HBH Microwave GmbH
HA5004 HBH-HA5004 Datasheet
15Kb / 1P
C-Band 1 W Amplifier
logo
NXP Semiconductors
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
1 W BTL audio amplifier
1998 Apr 01
logo
TriQuint Semiconductor
TQP9113 TRIQUINT-TQP9113 Datasheet
689Kb / 13P
1 Watt Linear Amplifier
logo
M/A-COM Technology Solu...
MAAP-011248-DIE MA-COM-MAAP-011248-DIE Datasheet
1Mb / 10P
Power Amplifier, 1 W
logo
Qorvo, Inc
TQP9109 QORVO-TQP9109 Datasheet
712Kb / 11P
1/2 W 2-stage Linear Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com