Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TQP9113 Datasheet(PDF) 5 Page - Qorvo, Inc

Part # TQP9113
Description  1 W Linear Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TQP9113 Datasheet(HTML) 5 Page - Qorvo, Inc

  TQP9113 Datasheet HTML 1Page - Qorvo, Inc TQP9113 Datasheet HTML 2Page - Qorvo, Inc TQP9113 Datasheet HTML 3Page - Qorvo, Inc TQP9113 Datasheet HTML 4Page - Qorvo, Inc TQP9113 Datasheet HTML 5Page - Qorvo, Inc TQP9113 Datasheet HTML 6Page - Qorvo, Inc TQP9113 Datasheet HTML 7Page - Qorvo, Inc TQP9113 Datasheet HTML 8Page - Qorvo, Inc TQP9113 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TQP9113
1 W Linear Amplifier
Datasheet Rev. J, November 1, 2019 | Subject to change without notice
5 of 15
www.qorvo.com
®
Typical Performance
TQP9113− PCB2140
Test conditions unless otherwise noted:
VCC = +5 V, Vpd = +5 V, ICQ = 215 mA (typ.), Temp. = +25 °C
Parameter
Conditions
Typical Value
Units
Frequency
1840
1960
2140
MHz
Gain
27.4
27.6
27.6
dB
Input Return Loss
16
15
14
dB
Output Return Loss
12
13
14
dB
Output P1dB
+30.5
+30.6
+30.6
dBm
OIP3
Pout= +16
dBm/tone, Δf=1 MHz
+37
+39
+41
dBm
Noise Figure
5.2
4.9
4.7
dB
WCDMA Channel Power(1)
−50 dBc ACLR
+17.9
+19.3
+18.4
dBm
Notes:
1. ACLR Test set-up: 3GPP WCDMA, TM1+64 DPCH, +5 MHz offset, PAR = 10.2 dB at 0.01% Probability
Typical Performance TQP9113-PCB2140
Test conditions unless otherwise noted:
VCC = +5 V, ICQ = 215 mA (typ.), Temp. = +25 °C
23
25
27
29
1800
1900
2000
2100
2200
2300
Frequency (MHz)
Gain vs. Frequency
+105°C
+85°C
+25°C
−40°C
-20
-15
-10
-5
0
1800
1900
2000
2100
2200
2300
Frequency (MHz)
Input Return Loss vs. Frequency
+105°C
+85°C
+25°C
−40°C
-20
-15
-10
-5
0
1800
1900
2000
2100
2200
2300
Frequency (MHz)
Output Return Loss vs. Frequency
+105°C
+85°C
+25°C
−40°C
30
35
40
45
12
13
14
15
16
17
18
19
Pout (dBm/tone)
OIP3 vs. Pout
Temp.=+25°C
2140 MHz
1960 MHz
1840 MHz
30
35
40
45
12
13
14
15
16
17
18
19
Pout (dBm/tone)
OIP3 vs Output Power
+105°C
+85°C
+25°C
−40°C
F = 2140 MHz
-60
-55
-50
-45
-40
16
17
18
19
20
21
22
Pout (dBm)
ACLR vs Pout
2140 MHz
1960 MHz
1840 MHz
Temp.=+25°C
W-CDMA 3GPP Test Model 1+64 DPCH
PAR = 10.2 dB at 0.01% Probability
3.84 MHz BW
-55
-50
-45
-40
-35
16
17
18
19
20
21
22
Pout (dBm)
ACLR vs. Pout
2140 MHz
1960 MHz
1840 MHz
Temp.=+25°C
Signal : LTE 20MHz, PAR = 9.5dB
Channel BW E-UTRA, IBW = 18.02MHz
-55
-50
-45
-40
-35
16
17
18
19
20
21
22
Pout (dBm)
ACLR vs Pout
+105°C
+85°C
+25°C
−40°C
F = 2140 MHz
Signal : LTE 20MHz, PAR = 9.5dB
Channel BW E-UTRA, IBW = 18.02MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com