Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F684 Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC16F684
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F684 Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC16F684 Datasheet HTML 25Page - Microchip Technology PIC16F684 Datasheet HTML 26Page - Microchip Technology PIC16F684 Datasheet HTML 27Page - Microchip Technology PIC16F684 Datasheet HTML 28Page - Microchip Technology PIC16F684 Datasheet HTML 29Page - Microchip Technology PIC16F684 Datasheet HTML 30Page - Microchip Technology PIC16F684 Datasheet HTML 31Page - Microchip Technology PIC16F684 Datasheet HTML 32Page - Microchip Technology PIC16F684 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 164 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41202C-page 27
PIC16F684
3.7
Fail-Safe Clock Monitor
The Fail-Safe Clock Monitor (FSCM) is designed to
allow the device to continue to operate in the event of
an oscillator failure. The FSCM can detect oscillator
failure at any point after the device has exited a Reset
or Sleep condition and the Oscillator Start-up Timer
(OST) has expired.
FIGURE 3-8:
FSCM BLOCK DIAGRAM
The FSCM function is enabled by setting the FCMEN
bit in the Configuration Word register (CONFIG). It is
applicable to all external clock options (LP, XT, HS, EC,
RC or IO modes).
In the event of an external clock failure, the FSCM will
set the OSFIF bit (PIR1<2>) and generate an oscillator
fail interrupt if the OSFIE bit (PIE1<2>) is set. The
device will then switch the system clock to the internal
oscillator. The system clock will continue to come from
the internal oscillator unless the external clock recovers
and the Fail-Safe condition is exited.
The frequency of the internal oscillator will depend
upon
the
value
contained
in
the
IRCF
bits
(OSCCON<6:4>).
Upon
entering
the
Fail-Safe
condition, the OSTS bit (OSCCON<3>) is automati-
cally cleared to reflect that the internal oscillator is
active and the WDT is cleared. The SCS bit
(OSCCON<0>) is not updated. Enabling FSCM does
not affect the LTS bit.
The FSCM sample clock is generated by dividing the
INTRC clock by 64. This will allow enough time
between FSCM sample clocks for a system clock edge
to occur. Figure 3-8 shows the FSCM block diagram.
On the rising edge of the sample clock, the monitoring
latch (CM = 0) will be cleared. On a falling edge of the
primary system clock, the monitoring latch will be set
(CM = 1). In the event that a falling edge of the sample
clock occurs, and the monitoring latch is not set, a clock
failure has been detected. The assigned internal
oscillator is enabled when FSCM is enabled, as
reflected by the IRCF.
3.7.1
FAIL-SAFE CONDITION CLEARING
The
Fail-Safe condition is cleared after a Reset, the
execution of a SLEEP instruction, or a modification of
the SCS bit. While in Fail-Safe condition, the
PIC16F684 uses the internal oscillator as the system
clock source. The IRCF bits (OSCCON<6:4>) can be
modified to adjust the internal oscillator frequency
without exiting the Fail-Safe condition.
The Fail-Safe condition must be cleared before the
OSFIF flag can be cleared.
Primary
LFINTOSC
÷ 64
S
C
Q
31 kHz
(~32
µs)
488 Hz
(~2 ms)
Clock Monitor
Latch (CM)
(edge-triggered)
Clock
Failure
Detected
Oscillator
Clock
Q
Note:
Two-Speed
Start-up
is
automatically
enabled when the Fail-Safe Clock Monitor
mode is enabled.
Note:
Primary clocks with a frequency
≤ ~488 Hz
will be considered failed by the FSCM. A
slow starting oscillator can cause an
FSCM interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com