Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F684 Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC16F684
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F684 Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC16F684 Datasheet HTML 61Page - Microchip Technology PIC16F684 Datasheet HTML 62Page - Microchip Technology PIC16F684 Datasheet HTML 63Page - Microchip Technology PIC16F684 Datasheet HTML 64Page - Microchip Technology PIC16F684 Datasheet HTML 65Page - Microchip Technology PIC16F684 Datasheet HTML 66Page - Microchip Technology PIC16F684 Datasheet HTML 67Page - Microchip Technology PIC16F684 Datasheet HTML 68Page - Microchip Technology PIC16F684 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 164 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41202C-page 63
PIC16F684
9.0
ANALOG-TO-DIGITAL
CONVERTER (A/D) MODULE
The Analog-to-Digital converter (A/D) allows conver-
sion of an analog input signal to a 10-bit binary repre-
sentation of that signal. The PIC16F684 has eight
analog inputs, multiplexed into one sample and hold
circuit. The output of the sample and hold is connected
to the input of the converter. The converter generates a
binary result via successive approximation and stores
the result in a 10-bit register. The voltage reference
used in the conversion is software selectable to either
VDD or a voltage applied by the VREF pin. Figure 9-1
shows the block diagram of the A/D on the PIC16F684.
FIGURE 9-1:
A/D BLOCK DIAGRAM
9.1
A/D Configuration and Operation
There are three registers available to control the
functionality of the A/D module:
1.
ANSEL (Register 9-1)
2.
ADCON0 (Register 9-2)
3.
ADCON1 (Register 9-3)
9.1.1
ANALOG PORT PINS
The ANS<7:0> bits (ANSEL<7:0>) and the TRIS bits
control the operation of the A/D port pins. Set the
corresponding TRIS bits to set the pin output driver to
its high-impedance state. Likewise, set the correspond-
ing ANSEL bit to disable the digital input buffer.
9.1.2
CHANNEL SELECTION
There are eight analog channels on the PIC16F684,
AN0
through
AN7.
The
CHS<2:0>
bits
(ADCON0<4:2>) control which channel is connected to
the sample and hold circuit.
9.1.3
VOLTAGE REFERENCE
There are two options for the voltage reference to the
A/D converter: either VDD is used, or an analog voltage
applied to VREF is used. The VCFG bit (ADCON0<6>)
controls the voltage reference selection. If VCFG is set,
then the voltage on the VREF pin is the reference;
otherwise, VDD is the reference.
RA0/AN0
A/D
RA1/AN1/VREF
RA2/AN2
RC0/AN4
VDD
VREF
ADON
GO/DONE
VCFG = 1
VCFG = 0
CHS<2:0>
ADRESH
ADRESL
10
10
ADFM
VSS
RC1/AN5
RC2/AN6
RC3/AN7
RA4/AN3
Note:
Analog voltages on any pin that is defined
as a digital input may cause the input
buffer to conduct excess current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com