Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F684 Datasheet(PDF) 70 Page - Microchip Technology

Part # PIC16F684
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F684 Datasheet(HTML) 70 Page - Microchip Technology

Back Button PIC16F684 Datasheet HTML 66Page - Microchip Technology PIC16F684 Datasheet HTML 67Page - Microchip Technology PIC16F684 Datasheet HTML 68Page - Microchip Technology PIC16F684 Datasheet HTML 69Page - Microchip Technology PIC16F684 Datasheet HTML 70Page - Microchip Technology PIC16F684 Datasheet HTML 71Page - Microchip Technology PIC16F684 Datasheet HTML 72Page - Microchip Technology PIC16F684 Datasheet HTML 73Page - Microchip Technology PIC16F684 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 164 page
background image
PIC16F684
DS41202C-page 68
Preliminary
 2004 Microchip Technology Inc.
9.2
A/D Acquisition Requirements
For the A/D converter to meet its specified accuracy, the
charge holding capacitor (CHOLD) must be allowed to
fully charge to the input channel voltage level. The ana-
log input model is shown in Figure 9-4. The source
impedance (RS) and the internal sampling switch (RSS)
impedance directly affect the time required to charge
the capacitor CHOLD. The sampling switch (RSS) imped-
ance varies over the device voltage (VDD), see
Figure 9-4. The maximum recommended impedance
for analog sources is 10 k
Ω. As the impedance is
decreased, the acquisition time may be decreased.
After the analog input channel is selected (changed),
this acquisition must be done before the conversion can
be started.
To calculate the minimum acquisition time, Equation 9-1
may be used. This equation assumes that 1/2 LSb error is
used (1024 steps for the A/D). The 1/2 LSb error is the
maximum error allowed for the A/D to meet its specified
resolution.
To calculate the minimum acquisition time, TACQ, see
the “PICmicro® Mid-Range MCU Family Reference
Manual” (DS33023).
EQUATION 9-1:
ACQUISITION TIME
FIGURE 9-4:
ANALOG INPUT MODEL
Note 1: The reference voltage (VREF) has no effect on the equation, since it cancels itself out.
2: The charge holding capacitor (CHOLD) is not discharged after each conversion.
3: The maximum recommended impedance for analog sources is 10 k
Ω. This is required to meet the pin
leakage specification.
TACQ = Amplifier Settling Time + Hold Capacitor Charging Time + Temperature Coefficient
= TAMP + TC + TCOFF
= 2
µs + TC + [(Temperature -25°C)(0.05 µs/°C)]
TC = CHOLD (RIC + RSS + RS) In(1/2047)
= -120 pF (1 k
Ω + 7 kΩ + 10 kΩ) In(0.0004885)
= 16.47
µs
TACQ = 2
µs + 16.47 µs + [(50°C-25°C)(0.05 µs/°C)]
= 19.72
µs
CPIN
VA
RS
ANx
5 pF
VDD
VT = 0.6V
VT = 0.6V
I LEAKAGE
RIC
≤ 1k
Sampling
Switch
SS RSS
CHOLD
= DAC capacitance
VSS
6V
Sampling Switch
5V
4V
3V
2V
567 8 9 10 11
(k
Ω)
VDD
= 120 pF
± 500 nA
Legend: CPIN
VT
I LEAKAGE
RIC
SS
CHOLD
= Input Capacitance
= Threshold Voltage
= Leakage Current at the pin due to
= Interconnect Resistance
= Sampling Switch
= Sample/Hold Capacitance (from DAC)
various junctions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com