Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCIMX6QP7CVT1AB Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SCIMX6QP7CVT1AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7CVT1AB Datasheet(HTML) 4 Page - NXP Semiconductors

  SCIMX6QP7CVT1AB Datasheet HTML 1Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 2Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 3Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 4Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 5Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 6Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 7Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 8Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
4
NXP Semiconductors
Introduction
The two characteristics that identify which data sheet a specific part applies to are the part number series
field and the temperature grade (junction) field:
•
The i.MX 6DualPlus/6QuadPlus Automotive Applications Processors data sheet (IMX6DQPAEC)
covers parts listed for the “Plus” series and with “A” indicating automotive temperature.
•The i.MX 6DualPlus/6QuadPlus Applications Processors for Consumer Products data sheet
(IMX6DQPCEC) covers parts listed with “D (Commercial temp)” or “E (Extended Commercial
temp)”
•
The i.MX 6DualPlus/6QuadPlus Applications Processors for Industrial Products data sheet
(IMX6DQPIEC) covers parts listed with “C (Industrial temp)”
Ensure that you have the right data sheet for your specific part by checking the fields: Part # Series
(DP/QP), temperature grade (junction) (A), and Frequency (8).
Figure 1. Part Number Nomenclature—i.MX 6DualPlus and i.MX 6QuadPlus
1.2
Features
The i.MX 6DualPlus/6QuadPlus processors are based on Arm Cortex-A9 MPCore platform, which has
the following features:
•
Arm Cortex-A9 MPCore 4xCPU processor (with TrustZone®)
•
The core configuration is symmetric, where each core includes:
— 32 KByte L1 Instruction Cache
— 32 KByte L1 Data Cache
Part differentiator
@
Industrial with VPU, GPU, no MLB
7
Automotive with VPU, GPU
6
Consumer, with VPU, GPU
5
Automotive with GPU, no VPU
4
Temperature Tj
+
Extended commercial: -20 to + 105°CE
Industrial: -40 to +105°CC
Automotive: -40 to + 125°CA
Frequency
$
800 MHz1 (Industrial grade)
8
852 MHz (Automotive grade)
8
1 GHz2
1
1.2 GHz
2
Package type
RoHS
FCPBGA 21x21 0.8mm (lidded)
VT
FCPBGA 21x21 0.8mm (non lidded)
YM
Qualification level
MC
Prototype Samples
PC
Mass Production
MC
Special
SC
Part # series
XX
i.MX 6QuadPlus
QP
i.MX 6DualPlus
DP
Silicon revision
A
Rev 1.0
A
Rev 1.1
B
Fusing
%
Real Codec off and no HDCP or DTCP
A
MC
IMX6
XX
@
+
VV
$
%
A
1. If a 24 MHz input clock is used (required for USB), the maximum SoC speed is limited to 792 MHz.
2. If a 24 MHz input clock is used (required for USB), the maximum SoC speed is limited to 996 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com