Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCIMX6QP7CVT1AB Datasheet(PDF) 40 Page - NXP Semiconductors

Part # SCIMX6QP7CVT1AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7CVT1AB Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button SCIMX6QP7CVT1AB Datasheet HTML 36Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 37Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 38Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 39Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 40Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 41Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 42Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 43Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
40
NXP Semiconductors
Electrical Characteristics
4.6.3
DDR I/O DC Parameters
The DDR I/O pads support LPDDR2 and DDR3/DDR3L operational modes.
To date LPDDR2 has not been fully validated or supported in the BSP. For further details contact your local
NXP representative.
Table 22. GPIO I/O DC Parameters
Parameter
Symbol
Test Conditions
Min
Max
Unit
High-level output voltage1
1 Overshoot and undershoot conditions (transitions above OVDD and below GND) on switching pads must be held below 0.6 V,
and the duration of the overshoot/undershoot must not exceed 10% of the system clock cycle. Overshoot/ undershoot must be
controlled through printed circuit board layout, transmission line impedance matching, signal line termination, or other methods.
Non-compliance to this specification may affect device reliability or cause permanent damage to the device.
Voh
Ioh = -0.1 mA (DSE2 = 001, 010)
Ioh = -1 mA
(DSE = 011, 100, 101, 110, 111)
2 DSE is the Drive Strength Field setting in the associated IOMUX control register.
OVDD – 0.15
—
V
Low-level output voltage1
Vol
Iol = 0.1 mA (DSE2 = 001, 010)
Iol = 1mA
(DSE = 011, 100, 101, 110, 111)
—0.15
V
High-Level DC input voltage1, 3
3 To maintain a valid level, the transition edge of the input must sustain a constant slew rate (monotonic) from the current DC
level through to the target DC level, Vil or Vih. Monotonic input transition time is from 0.1 ns to 1 s.
Vih
—
0.7
× OVDD
OVDD
V
Low-Level DC input voltage1, 3
Vil
—
0
0.3
× OVDD V
Input Hysteresis
Vhys
OVDD = 1.8 V
OVDD = 3.3 V
0.25
—
V
Schmitt trigger VT+3, 4
4 Hysteresis of 250 mV is guaranteed over all operating conditions when hysteresis is enabled.
VT+
—
0.5
× OVDD
—
V
Schmitt trigger VT–3, 4
VT–
—
—
0.5
× OVDD V
Input current (no pull-up/down)
Iin
Vin = OVDD or 0
-1
1
μA
Input current (22 k
Ω pull-up)
Iin
Vin = 0 V
Vin = OVDD
—212
1
μA
Input current (47 k
Ω pull-up)
Iin
Vin = 0 V
Vin = OVDD
—100
1
μA
Input current (100 k
Ω pull-up)
Iin
Vin = 0 V
Vin= OVDD
—48
1
μA
Input current (100 k
Ω pull-down)
Iin
Vin = 0 V
Vin = OVDD
—1
48
μA
Keeper circuit resistance
Rkeep
Vin = 0.3 x OVDD
Vin = 0.7 x OVDD
105
175
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com