Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCIMX6QP7CVT1AB Datasheet(PDF) 46 Page - NXP Semiconductors

Part # SCIMX6QP7CVT1AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7CVT1AB Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button SCIMX6QP7CVT1AB Datasheet HTML 42Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 43Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 44Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 45Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 46Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 47Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 48Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 49Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
46
NXP Semiconductors
Electrical Characteristics
4.7.2
DDR I/O AC Parameters
For details on supported DDR memory configurations, see Section 4.10.2, “MMDC Supported
DDR3/DDR3L/LPDDR2 Configurations.”
Table 30 shows the AC parameters for DDR I/O operating in LPDDR2 mode.
Table 31 shows the AC parameters for DDR I/O operating in DDR3/DDR3L mode.
Table 30. DDR I/O LPDDR2 Mode AC Parameters1
1 Note that the JEDEC LPDDR2 specification (JESD209_2B) supersedes any specification in this document.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
AC input logic high
Vih(ac)
—
Vref + 0.22
—
OVDD
V
AC input logic low
Vil(ac)
—
0
—
Vref – 0.22
V
AC differential input high voltage2
2 Vid(ac) specifies the input differential voltage |Vtr – Vcp| required for switching, where Vtr is the “true” input signal and Vcp is
the “complementary” input signal. The Minimum value is equal to Vih(ac) – Vil(ac).
Vidh(ac)
—
0.44
—
—
V
AC differential input low voltage
Vidl(ac)
—
—
—
0.44
V
Input AC differential cross point voltage3
3 The typical value of Vix(ac) is expected to be about 0.5 × OVDD. and Vix(ac) is expected to track variation of OVDD. Vix(ac)
indicates the voltage at which differential input signal must cross.
Vix(ac)
Relative to Vref
-0.12
—
0.12
V
Over/undershoot peak
Vpeak
—
—
—
0.35
V
Over/undershoot area (above OVDD
or below OVSS)
Varea
400 MHz
—
—
0.2
V-ns
Single output slew rate, measured
between Vol(ac) and Voh(ac)
tsr
50
Ω to Vref.
5 pF load.
Drive impedance = 4 0
Ω ±30%
1.5
—
3.5
V/ns
50
Ω to Vref.
5pF load.
Drive impedance = 60
Ω ±30%
1—
2.5
Skew between pad rise/fall asymmetry +
skew caused by SSN
tSKD
clk = 400 MHz
——
0.1
ns
Table 31. DDR I/O DDR3/DDR3L Mode AC Parameters1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
AC input logic high
Vih(ac)
—
Vref + 0.175
—
OVDD
V
AC input logic low
Vil(ac)
—
0
—
Vref – 0.175
V
AC differential input voltage2
Vid(ac)
—
0.35
—
—
V
Input AC differential cross point voltage3
Vix(ac)
Relative to Vref
Vref – 0.15
—
Vref + 0.15
V
Over/undershoot peak
Vpeak
—
—
—
0.4
V
Over/undershoot area (above OVDD
or below OVSS)
Varea
533 MHz
—
—
0.5
V-ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com