Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL3S1205FUD2/HA Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SL3S1205FUD2/HA
Description  UCODE 8/8m
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1205FUD2/HA Datasheet(HTML) 2 Page - NXP Semiconductors

  SL3S1205FUD2/HA Datasheet HTML 1Page - NXP Semiconductors SL3S1205FUD2/HA Datasheet HTML 2Page - NXP Semiconductors SL3S1205FUD2/HA Datasheet HTML 3Page - NXP Semiconductors SL3S1205FUD2/HA Datasheet HTML 4Page - NXP Semiconductors SL3S1205FUD2/HA Datasheet HTML 5Page - NXP Semiconductors SL3S1205FUD2/HA Datasheet HTML 6Page - NXP Semiconductors SL3S1205FUD2/HA Datasheet HTML 7Page - NXP Semiconductors SL3S1205FUD2/HA Datasheet HTML 8Page - NXP Semiconductors SL3S1205FUD2/HA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
NXP Semiconductors
SL3S1205_15
UCODE 8/8m
2 Features and benefits
2.1 Key features
• Read sensitivity -23 dBm
• Write sensitivity -18 dBm
• Innovative functionality
– Self Adjust
– Memory Safeguard
– Brand Identifier
– Untraceable
– Pre-serialization for 96-bit EPC
– Integrated Product Status Flag (PSF)
• Compatible with single-slit antenna
• Up to 128-bit EPC
• 96-bit Unique Tag Identifier (TID) factory locked, including 48-bit unique serial number
• EPC Gen2v2
2.1.1 Memory
• 128-bit/96-bit (UCODE 8/UCODE 8m) of EPC memory
• Supports pre-serialization for 96-bit EPC
• 96-bit Tag IDentifier (TID) factory locked
• 48-bit unique serial number factory-encoded into TID
• 0-bit/32-bit (UCODE 8/UCODE 8m) User Memory
• 32-bit kill password to permanently disable the tag
• 32-bit access password
• Wide operating temperature range: -40 °C up to +85 °C
• Minimum 100k write cycle endurance
SL3S1205_15
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.5 — 1 April 2021
COMPANY PUBLIC
398435
2 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com