Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL3S1205FUD2/HA Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SL3S1205FUD2/HA
Description  UCODE 8/8m
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1205FUD2/HA Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SL3S1205FUD2/HA Datasheet HTML 17Page - NXP Semiconductors SL3S1205FUD2/HA Datasheet HTML 18Page - NXP Semiconductors SL3S1205FUD2/HA Datasheet HTML 19Page - NXP Semiconductors SL3S1205FUD2/HA Datasheet HTML 20Page - NXP Semiconductors SL3S1205FUD2/HA Datasheet HTML 21Page - NXP Semiconductors SL3S1205FUD2/HA Datasheet HTML 22Page - NXP Semiconductors SL3S1205FUD2/HA Datasheet HTML 23Page - NXP Semiconductors SL3S1205FUD2/HA Datasheet HTML 24Page - NXP Semiconductors SL3S1205FUD2/HA Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
NXP Semiconductors
SL3S1205_15
UCODE 8/8m
de-activated, with a "0" value. The permanent bits can only be toggled by using standard
EPC WRITE (not a BlockWrite) if the EPC bank is unlocked or within the SECURED state
if the EPC is locked. If the EPC is permalocked, they cannot be changed.
Action bits will trigger a certain action only if the pointer of the SELECT command exactly
matches the action-bit address (i.e. 203h or 204h), if the length=1 and if mask=1b (no
multiple triggers of actions possible within one single SELECT command).
If the truncate bit in the SELECT command is set to "1", the SELECT will be ignored. A
SELECT on action bits will not change the digital state of the chip.
The action bits can be triggered regardless if the EPC memory is unlocked, locked or
permalocked.
SL3S1205_15
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.5 — 1 April 2021
COMPANY PUBLIC
398435
21 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com