| Electronic Components Datasheet Search |
|
Z8F082ASH020SC Datasheet(PDF) 105 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC Datasheet(HTML) 105 Page - Zilog, Inc. |
|
105 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y UART Z8 Encore! XP® F08xA Seriess Product Specification 87 6. Check the TDRE bit in the UART Status 0 register to determine if the Transmit Data register is empty (indicated by a 1). If empty, continue to Step 6. If the Transmit Data register is full (indicated by a 0), continue to monitor the TDRE bit until the Transmit Data register becomes available to receive new data. 7. Write the UART Control 1 register to select the outgoing address bit. 8. Set the Multiprocessor Bit Transmitter (MPBT) if sending an address byte, clear it if sending a data byte. 9. Write the data byte to the UART Transmit Data register. The transmitter automatically transfers the data to the Transmit Shift register and transmits the data. 10. Make any changes to the Multiprocessor Bit Transmitter (MPBT) value, if appropriate and MULTIPROCESSOR mode is enabled,. 11. To transmit additional bytes, return to Step 5. Transmitting Data using the Interrupt-Driven Method The UART Transmitter interrupt indicates the availability of the Transmit Data register to accept new data for transmission. Follow these steps to configure the UART for interrupt- driven data transmission: 1. Write to the UART Baud Rate High and Low Byte registers to set the appropriate baud rate. 2. Enable the UART pin functions by configuring the associated GPIO Port pins for alternate function operation. 3. Execute a DI instruction to disable interrupts. 4. Write to the Interrupt control registers to enable the UART Transmitter interrupt and set the acceptable priority. 5. Write to the UART Control 1 register to enable MULTIPROCESSOR (9-bit) mode functions, if MULTIPROCESSOR mode is appropriate. 6. Set the MULTIPROCESSOR Mode Select (MPEN) to Enable MULTIPROCESSOR mode. 7. Write to the UART Control 0 register to: – Set the transmit enable bit (TEN) to enable the UART for data transmission – Enable parity, if appropriate and if MULTIPROCESSOR mode is not enabled, and select either even or odd parity. – Set or clear CTSE to enable or disable control from the remote receiver using the CTS pin. 8. Execute an EI instruction to enable interrupts. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |