| Electronic Components Datasheet Search |
|
Z8F082ASH020SC Datasheet(PDF) 106 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC Datasheet(HTML) 106 Page - Zilog, Inc. |
|
106 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y UART Z8 Encore! XP® F08xA Seriess Product Specification 88 The UART is now configured for interrupt-driven data transmission. Because the UART Transmit Data register is empty, an interrupt is generated immediately. When the UART Transmit interrupt is detected, the associated interrupt service routine (ISR) performs the following: 1. Write the UART Control 1 register to select the multiprocessor bit for the byte to be transmitted: Set the Multiprocessor Bit Transmitter (MPBT) if sending an address byte, clear it if sending a data byte. 2. Write the data byte to the UART Transmit Data register. The transmitter automatically transfers the data to the Transmit Shift register and transmits the data. 3. Clear the UART Transmit interrupt bit in the applicable Interrupt Request register. 4. Execute the IRET instruction to return from the interrupt-service routine and wait for the Transmit Data register to again become empty. Receiving Data using the Polled Method Follow these steps to configure the UART for polled data reception: 5. Write to the UART Baud Rate High and Low Byte registers to set an acceptable baud rate for the incoming data stream. 6. Enable the UART pin functions by configuring the associated GPIO Port pins for alternate function operation. 7. Write to the UART Control 1 register to enable MULTIPROCESSOR mode functions, if appropriate. 8. Write to the UART Control 0 register to: – Set the receive enable bit (REN) to enable the UART for data reception – Enable parity, if appropriate and if Multiprocessor mode is not enabled, and select either even or odd parity. 9. Check the RDA bit in the UART Status 0 register to determine if the Receive Data register contains a valid data byte (indicated by a 1). If RDA is set to 1 to indicate available data, continue to Step 5. If the Receive Data register is empty (indicated by a 0), continue to monitor the RDA bit awaiting reception of the valid data. 10. Read data from the UART Receive Data register. If operating in MULTIPROCESSOR (9-bit) mode, further actions may be required depending on the MULTIPROCESSOR mode bits MPMD[1:0]. 11. Return to Step 4 to receive additional data. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |