| Electronic Components Datasheet Search |
|
Z8F082ASH020SC Datasheet(PDF) 138 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC Datasheet(HTML) 138 Page - Zilog, Inc. |
|
138 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y Analog-to-Digital Converter Z8 Encore! XP® F08xA Series Product Specification 120 100 = Differential, unbuffered input 101 = Differential, buffered input with unity gain 110 = Reserved 111 = Differential, buffered input with 20x gain ADC Data High Byte Register The ADC Data High Byte register contains the upper eight bits of the ADC output. The output is an 11-bit two’s complement value. During a single-shot conversion, this value is invalid. Access to the ADC Data High Byte register is read-only. Reading the ADC Data High Byte register latches data in the ADC Low Bits register. ADCDH—ADC Data High Byte This byte contains the upper eight bits of the ADC output. These bits are not valid during a single-shot conversion. During a continuous conversion, the most recent conversion out- put is held in this register. These bits are undefined after a Reset. ADC Data Low Bits Register The ADC Data Low Byte register contains the lower bits of the ADC output as well as an overflow status bit. The output is a 11-bit two’s complement value. During a single-shot conversion, this value is invalid. Access to the ADC Data Low Byte register is read-only. Reading the ADC Data High Byte register latches data in the ADC Low Bits register. ADCDL—ADC Data Low Bits These bits are the least significant three bits of the 11-bits of the ADC output. These bits are undefined after a Reset. Table 72. ADC Data High Byte Register (ADCD_H) BITS 7 6 5 4 3 2 1 0 FIELD ADCDH RESET XX XX XXX X R/W R R R RRR RR ADDR F72H Table 73. ADC Data Low Bits Register (ADCD_L) BITS 7 6 5 4 3 2 1 0 FIELD ADCDL Reserved OVF RESET XX XX XXX X R/W R R R RRR RR ADDR F73H |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |