Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8F082ASH020SC Datasheet(PDF) 139 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 139 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 135Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 136Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 137Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 138Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 139Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 140Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 141Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 142Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 143Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Analog-to-Digital Converter
Z8 Encore! XP® F08xA Series
Product Specification
121
Reserved—Must be undefined.
OVF—Overflow Status
0= An overflow did not occur in the digital filter for the current sample.
1= An overflow did occur in the digital filter for the current sample.
ADC High Threshold Register
The ADC High Threshold register is used to set the trigger point above which an ADC
sample causes a CPU interrupt.
ADCTH—ADC High Threshold
These bits are compared to the most significant 8 bits of the single-ended ADC value. If
the ADC value exceeds this, an interrupt is asserted. The alarm function is not available in
DIFFERENTIAL mode.
ADC Low Threshold Register
The ADC Low Threshold register is used to set the trigger point below which an ADC
sample causes a CPU interrupt.
ADCTL—ADC Low Threshold
These bits are compared to the most significant 8 bits of the single-ended ADC value. If
the ADC value drops below this value an interrupt is asserted. The alarm function is not
available in DIFFERENTIAL mode.
Table 74. ADC High Threshold High Byte (ADCTH)
BITS
7
6
5
4
3
2
1
0
FIELD
ADCTH
RESET
FF
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
F74H
Table 75. ADC Low Threshold High Byte (ADCTL)
BITS
7
6
5
4
3
2
1
0
FIELD
ADCTL
RESET
0
000
00
00
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
ADDR
F76H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com