Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z8F082ASH020SC Datasheet(PDF) 168 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 168 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 164Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 165Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 166Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 167Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 168Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 169Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 170Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 171Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 172Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
On-Chip Debugger
Z8 Encore! XP® F08xA Series
Product Specification
150
Figure 23.Interfacing the On-Chip Debugger’s DBG Pin with an RS-232 Interface (2)
DEBUG Mode
The operating characteristics of the devices in DEBUG mode are:
• The eZ8 CPU fetch unit stops, idling the eZ8 CPU, unless directed by the OCD to execute
specific instructions
• The system clock operates unless in STOP mode
• All enabled on-chip peripherals operate unless in STOP mode
• Automatically exits HALT mode
• Constantly refreshes the Watch-Dog Timer, if enabled
Entering DEBUG Mode
• The device enters DEBUG mode after the eZ8 CPU executes a BRK (Breakpoint) instruc-
tion.
• If the DBG pin is held Low during the most recent clock cycle of system reset, the part
enters DEBUG mode upon exiting system reset.
Exiting DEBUG Mode
The device exits DEBUG mode following any of these operations:
• Clearing the DBGMODE bit in the OCD Control Register to 0.
• Power-on reset
• Voltage Brown-Out reset
• Watch-Dog Timer reset
RS-232 TX
RS-232 RX
RS-232
Transceiver
VDD
DBG Pin
10KOhm
Open-Drain
Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com