Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX8MMIEC Datasheet(PDF) 20 Page - NXP Semiconductors

Part # IMX8MMIEC
Description  i.MX 8M Mini Applications Processor Datasheet for Industrial Products
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MMIEC Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button IMX8MMIEC Datasheet HTML 16Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 17Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 18Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 19Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 20Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 21Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 22Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 23Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
i.MX 8M Mini Applications Processor Datasheet for Industrial Products, Rev. 1, 07/2020
20
NXP Semiconductors
Electrical characteristics
3.1.5
Maximum supply currents
Power consumption is highly dependent on the application. Estimating the maximum supply currents
required for power supply design is difficult because the use cases that requires maximum supply current
is not a realistic use cases.
To help illustrate the effect of the application on power consumption, data was collected while running
consumer standard benchmarks that are designed to be compute and graphic intensive. The results
provided are intended to be used as guidelines for power supply design.
3.1.6
Power modes
The i.MX 8M Mini processors support the following power modes:
•
RUN Mode: All external power rails are on, CPU is active and running; other internal modules can
be on/off based on application.
•
IDLE Mode: When there is no thread running and all high-speed devices are not active, the CPU
can automatically enter this mode. The CPU can be in the power-gated state but with L2 data
retained, DRAM and the bus clock are reduced. Most of the internal logic is clock gated but still
Table 13. Maximum supply currents
Power rail
Max current
Unit
VDD_ARM
2200
mA
VDD_SOC
1000
mA
VDD_GPU
500
mA
VDD_VPU
1000
mA
VDD_DRAM
1000
mA
VDD_ANA_0P8
50
mA
VDD_ANA0_1P8
VDD_ANA1_1P8
250
mA
NVCC_SNVS_1P8
3
mA
VDD_ARM_PLL_1P8
VDD_24M_XTAL_1P8
100
mA
PVCCx_1P8
3mA
NVCC_<XXX>
Imax = N x C x V x (0.5 x F)
Where:
N—Number of IO pins supplied by the power line
C—Equivalent external capacitive load
V—IO voltage
(0.5 x F)—Data change rate. Up to 0.5 of the clock
rate (F).
In this equation, Imax is in Amps, C in Farads, V in
Volts, and F in Hertz.
NVCC_DRAM
DRAM_VFEF
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com