Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX8MMIEC Datasheet(PDF) 39 Page - NXP Semiconductors

Part # IMX8MMIEC
Description  i.MX 8M Mini Applications Processor Datasheet for Industrial Products
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MMIEC Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button IMX8MMIEC Datasheet HTML 35Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 36Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 37Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 38Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 39Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 40Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 41Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 42Page - NXP Semiconductors IMX8MMIEC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
Electrical characteristics
i.MX 8M Mini Applications Processor Datasheet for Industrial Products, Rev. 1, 07/2020
NXP Semiconductors
39
3.9.2.4
HS200 Mode AC timing
Figure 15 depicts the timing of HS200 mode, and Table 33 lists the HS200 timing characteristics.
Figure 15. HS200 timing
iti
SD6
uSDHC input skew
tRQ
—0.45
ns
SD7
uSDHC hold skew
tRQH
—0.45
ns
Table 33. HS200 interface timing specification
ID
Parameter
Symbols
Min
Max
Unit
Card Input Clock
SD1
Clock Frequency Period
tCLK
5.0
—
ns
SD2
Clock Low Time
tCL
0.3 x tCLK
0.7 x tCLK
ns
SD3
Clock High Time
tCH
0.3 x tCLK
0.7 x tCLK
ns
uSDHC Output/Card Inputs SD_CMD, SDx_DATAx in HS200 (Reference to CLK)
SD5
uSDHC Output Delay
tOD
-1.6
1
ns
uSDHC Input/Card Outputs SD_CMD, SDx_DATAx in HS200 (Reference to CLK)1
1 HS200 is for 8 bits while SDR104 is for 4 bits.
SD8
uSDHC Output Data Window
tODW
0.5 x tCLK
—ns
Table 32. HS400 interface timing specification (continued)
ID
Parameter
Symbols
Min
Max
Unit
SCK
8-bit output from uSDHC to eMMC
8-bit input from eMMC to uSDHC
SD8
SD4/SD5
SD2
SD3
SD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com