Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS31256 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 4Page - Maxim Integrated Products DS31256 Datasheet HTML 5Page - Maxim Integrated Products DS31256 Datasheet HTML 6Page - Maxim Integrated Products DS31256 Datasheet HTML 7Page - Maxim Integrated Products DS31256 Datasheet HTML 8Page - Maxim Integrated Products DS31256 Datasheet HTML 9Page - Maxim Integrated Products DS31256 Datasheet HTML 10Page - Maxim Integrated Products DS31256 Datasheet HTML 11Page - Maxim Integrated Products DS31256 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
8 of 183
DS31256 has been designed to handle up to 132Mbps in both the receive and transmit directions without
any potential loss of data due to priority conflicts in the transfer of data from the HDLC engines to the
FIFO and vice versa.
The FIFO transfers data from the HDLC engines into the FIFO and checks to see if the FIFO has filled to
beyond the programmable high watermark. If it has, then the FIFO signals to the DMA that data is ready
to be burst read from the FIFO to the PCI Bus. The FIFO block controls the DMA block and it tells the
DMA when to transfer data from the FIFO to the PCI Bus. Since the DS31256 can handle multiple
HDLC channels, it is quite possible that at any one time, several HDLC channels will need to have data
transferred from the FIFO to the PCI Bus. The FIFO determines which HDLC channel the DMA will
handle next via a Host configurable algorithm, which allows the selection to be either round robin or
priority, decoded (with HDLC Channel 1 getting the highest priority). Depending on the application, the
selection of this algorithm can be quite important. The DS31256 cannot control when it will be granted
PCI Bus access and if bus access is restricted, then the host may wish to prioritize which HDLC channels
get top priority access to the PCI Bus when it is granted to the DS31256.
When the DMA transfers data from the FIFO to the PCI Bus, it burst reads all available data in the FIFO
(even if the FIFO contains multiple HDLC packets) and tries to empty the FIFO. If an incoming HDLC
packet is not large enough to fill the FIFO to the high watermark, then the FIFO will not wait for more
data to enter the FIFO, it will signal the DMA that an end-of-frame (EOF) was detected and that data is
ready to be transferred from the FIFO to the PCI Bus by the DMA.
In the transmit path, a very similar process occurs. As soon as a HDLC channel is enabled, the HDLC
(Layer 2) engines begin requesting data from the FIFO. Like the receive side, the 16 ports are priority
decoded with Port 0 generally getting the highest priority. Hence, if multiple ports are requesting packet
data, the FIFO will first satisfy the requirements on all the enabled HDLC channels in the lower
numbered ports before moving on to the higher numbered ports. Again there is no potential loss of data
as long as the transmit throughput maximum of 132Mbps is not exceeded. When the FIFO detects that a
HDLC engine needs data, it then transfers the data from the FIFO to the HDLC engines in 32-bit chunks.
If the FIFO detects that the FIFO is below the low watermark, it then checks with the DMA to see if
there is any data available for that HDLC Channel. The DMA will know if any data is available because
the Host on the PCI Bus will have informed it of such via the pending-queue descriptor. When the DMA
detects that data is available, it informs the FIFO and then the FIFO decides which HDLC channel gets
the highest priority to the DMA to transfer data from the PCI Bus into the FIFO. Again, since the
DS31256 can handle multiple HDLC channels, it is quite possible that at any one time, several HDLC
channels will need the DMA to burst data from the PCI Bus into the FIFO. The FIFO determines which
HDLC channel the DMA will handle next via a host configurable algorithm, which allows the selection
to be either round robin or priority, decoded (with HDLC Channel 1 generally getting the highest
priority).
When the DMA begins burst writing data into the FIFO, it will try to completely fill the FIFO with
HDLC packet data even if it that means writing multiple packets. Once the FIFO detects that the DMA
has filled it to beyond the low watermark (or an EOF is reached), the FIFO will begin transferring 32-bit
dwords to the HDLC engine.
One of the unique attributes of the DS31256 is the structure of the DMA. The DMA has been optimized
to maintain maximum flexibility yet reduce the number of bus cycles required to transfer packet data.
The DMA uses a flexible scatter/gather technique, which allows that packet data to be place anywhere
within the 32-bit address space. The user has the option on the receive side of two different buffer sizes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com