Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS31256 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 11Page - Maxim Integrated Products DS31256 Datasheet HTML 12Page - Maxim Integrated Products DS31256 Datasheet HTML 13Page - Maxim Integrated Products DS31256 Datasheet HTML 14Page - Maxim Integrated Products DS31256 Datasheet HTML 15Page - Maxim Integrated Products DS31256 Datasheet HTML 16Page - Maxim Integrated Products DS31256 Datasheet HTML 17Page - Maxim Integrated Products DS31256 Datasheet HTML 18Page - Maxim Integrated Products DS31256 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
15 of 183
PIN
NAME
TYPE
FUNCTION
W5
PAD27
I/O
PCI Multiplexed Address and Data Bit 27
V5
PAD28
I/O
PCI Multiplexed Address and Data Bit 28
Y4
PAD29
I/O
PCI Multiplexed Address and Data Bit 29
Y3
PAD30
I/O
PCI Multiplexed Address and Data Bit 30
U5
PAD31
I/O
PCI Multiplexed Address and Data Bit 31
Y16
PCBE0
I/O
PCI Bus Command/Byte Enable Bit 0
V12
PCBE1
I/O
PCI Bus Command/Byte Enable Bit 1
Y9
PCBE2
I/O
PCI Bus Command/Byte Enable Bit 2
W6
PCBE3
I/O
PCI Bus Command/Byte Enable Bit 3
Y2
PCLK
I
PCI and System Clock. A 25MHz to 33MHz clock is applied here.
Y11
PDEVSEL
I/O
PCI Device Select
W10
PFRAME
I/O
PCI Cycle Frame
W4
PGNT
I
PCI Bus Grant
Y6
PIDSEL
I
PCI Initialization Device Select
W18
PINT
O
PCI Interrupt
V10
PIRDY
I/O
PCI Initiator Ready
W12
PPAR
I/O
PCI Bus Parity
V11
PPERR
I/O
PCI Parity Error
V4
PREQ
O
PCI Bus Request
W3
PRST
I
PCI Reset
Y12
PSERR
O
PCI System Error
W11
PSTOP
I/O
PCI Stop
Y10
PTRDY
I/O
PCI Target Ready
V18
PXAS
O
PCI Extension Signal: Address Strobe
Y20
PXBLAST
O
PCI Extension Signal: Burst Last
W19
PXDS
O
PCI Extension Signal: Data Strobe
B1
RC0
I
Receive Serial Clock for Port 0
D1
RC1
I
Receive Serial Clock for Port 1
F2
RC2
I
Receive Serial Clock for Port 2
H2
RC3
I
Receive Serial Clock for Port 3
M1
RC4
I
Receive Serial Clock for Port 4
P1
RC5
I
Receive Serial Clock for Port 5
P4
RC6
I
Receive Serial Clock for Port 6
V1
RC7
I
Receive Serial Clock for Port 7
B17
RC8
I
Receive Serial Clock for Port 8
B16
RC9
I
Receive Serial Clock for Port 9
C14
RC10
I
Receive Serial Clock for Port 10
D12
RC11
I
Receive Serial Clock for Port 11
A10
RC12
I
Receive Serial Clock for Port 12
B8
RC13
I
Receive Serial Clock for Port 13
B6
RC14
I
Receive Serial Clock for Port 14
C5
RC15
I
Receive Serial Clock for Port 15
D2
RD0
I
Receive Serial Data for Port 0
E2
RD1
I
Receive Serial Data for Port 1
G3
RD2
I
Receive Serial Data for Port 2
J4
RD3
I
Receive Serial Data for Port 3
M3
RD4
I
Receive Serial Data for Port 4
R1
RD5
I
Receive Serial Data for Port 5
T2
RD6
I
Receive Serial Data for Port 6
U3
RD7
I
Receive Serial Data for Port 7
D16
RD8
I
Receive Serial Data for Port 8
C15
RD9
I
Receive Serial Data for Port 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com