Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS31256 Datasheet(PDF) 86 Page - Maxim Integrated Products

Part # DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Datasheet(HTML) 86 Page - Maxim Integrated Products

Back Button DS31256 Datasheet HTML 82Page - Maxim Integrated Products DS31256 Datasheet HTML 83Page - Maxim Integrated Products DS31256 Datasheet HTML 84Page - Maxim Integrated Products DS31256 Datasheet HTML 85Page - Maxim Integrated Products DS31256 Datasheet HTML 86Page - Maxim Integrated Products DS31256 Datasheet HTML 87Page - Maxim Integrated Products DS31256 Datasheet HTML 88Page - Maxim Integrated Products DS31256 Datasheet HTML 89Page - Maxim Integrated Products DS31256 Datasheet HTML 90Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
86 of 183
On an HDLC-channel basis in the receive DMA configuration RAM, the host instructs the DMA how to
use the large and small buffers for the incoming packet data on that particular HDLC channel. The host
has three options: (1) only use large buffers, (2) only use small buffers, or (3) first fill a small buffer,
then, if the incoming packet requires more buffer space, use one or more large buffers for the remainder
of the packet. The host selects the option through the size field in the receive configuration RAM
(Section 9.2.5). Large buffers are best used for data-intensive, time-insensitive packets like graphics
files, whereas small buffers are best used for time-sensitive information like real-time voice.
Table 9-B. Receive DMA Main Operational Areas
DESCRIPTORS
FUNCTION
SECTION
Packet
A dedicated area of memory that describes the location and attributes of
the packet data.
9.2.2
Free Queue
A dedicated area of memory that the host writes to inform the DMA
where to store incoming packet data.
9.2.3
Done Queue
A dedicated area of memory that the DMA writes to inform the host
that the packet data is ready for processing.
9.2.4
The done-queue descriptors contain information that the DMA wishes to pass to the host. Through the
done-queue descriptors, the DMA informs the host about the incoming packet data and where to find the
packet descriptors that it has written into main memory. Each completed descriptor contains the starting
address of the data buffer where the packet data is stored.
If enabled, the DMA can burst read the free-queue descriptors and burst write the done-queue
descriptors. This helps minimize PCI bus accesses, freeing the PCI bus up to do more time critical
functions. See Sections 9.2.3 and 9.2.4 for more details about this feature.
Receive DMA Actions
A typical scenario for the receive DMA is as follows:
1) The receive DMA gets a request from the receive FIFO that it has packet data that needs to be sent to
the PCI bus.
2) The receive DMA determines whether the incoming packet data should be stored in a large buffer or
a small buffer.
3) The receive DMA then reads a free-queue descriptor (either by reading a single descriptor or a burst
of descriptors), indicating where, in main memory, there exists some free data buffer space and
where the associated free packet descriptor resides.
4) The receive DMA starts storing packet data in the previously free buffer data space by writing it out
through the PCI bus.
5) When the receive DMA realizes that the current data buffer is filled (by knowing the buffer size it
can calculate this), it then reads another free-queue descriptor to find another free data buffer and
packet descriptor location.
6) The receive DMA then writes the previous packet descriptor and creates a linked list by placing the
current descriptor in the next descriptor pointer field; it then starts filling the new buffer location.
Figure 9-1 provides an example of packet descriptors being link listed together (see channel 2).
7) This continues until the entire packet data is stored.
8) The receive DMA either waits until a packet has been completely received or until a programmable
number (from 1 to 7) of data buffers have been filled before writing the done-queue descriptor, which
indicates to the host that packet data is ready for processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com