Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MWPR1516CFM Datasheet(PDF) 31 Page - NXP Semiconductors

Part # MWPR1516CFM
Description  MWPR1516 16 KB Flash 24 MHz Cortex-M0 Based Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1516CFM Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button MWPR1516CFM Datasheet HTML 27Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 28Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 29Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 30Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 31Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 32Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 33Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 34Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
1
A
VREC
B
AC2
C
AC1
D
VBOOT
E
GD
1
F
ISENS
2
VDD1
AD_EN
AD_IN
VLC
CLC1
2
VOUT
3
VSS1
PTA0
VSS1
VDD1
CLC2
3
VOUT_FB
4
PTA2
PTA1
VSS1
VDD1
PTB4
4
VREFH
5
PTA3
PTA6
PTA7
PTB0/
RESET_b/
NMI_b
PTB2
5
VSS3
6
A
PTA4
B
PTA5
C
VSS2/
VSSA
D
VDD2/
VDDA
E
PTB1
6
F
PTB3
Figure 13. 36-pin WLCSP package
Ordering Parts
6.1 Determining valid orderable parts
Valid orderable part numbers are provided on the web. To determine the orderable
part numbers for this device, go to freescale.com and perform a part number search
for the following device numbers: WPR1516.
Part Identification
7.1 Description
Part numbers for the chip have fields that identify the specific part. You can use the
values of these fields to determine the specific part you have received.
7.2 Format
Part numbers for this device have the following format:
Q WPR## FFF R T PP N
6
7
Ordering Parts
MWPR1516 16 KB Flash, Rev2, 1/2015.
31
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com