Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MWPR1516CFM Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MWPR1516CFM
Description  MWPR1516 16 KB Flash 24 MHz Cortex-M0 Based Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1516CFM Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MWPR1516CFM Datasheet HTML 8Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 9Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 10Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 11Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 12Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 13Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 14Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 15Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Table 4. Supply current characteristics (at 5.5 V) (continued)
Parameter
Symbol
Bus Freq.
Typical1
Max.
Unit
Temp.
12 MHz
6.52
—
6 MHz
5.53
—
Stop mode supply current no
clocks active (except CNC
clock)
SIDD
—
700
—
µA
-40
―85 °C
1. Data in Typical column was characterized at 25 °C or is typical recommended value.
2.1.3 EMC performance
Electromagnetic compatibility (EMC) performance is highly dependent on the
environment in which the MCU resides. Board design and layout, circuit topology
choices, location and characteristics of external components as well as MCU software
operation play a significant role in EMC performance. The system designer must
consult the following Freescale applications notes, available on freescale.com for
advice and guidance specifically targeted at optimizing EMC performance.
• AN2321: Designing for Board Level Electromagnetic Compatibility
• AN1050: Designing for Electromagnetic Compatibility (EMC) with HCMOS
Microcontrollers
• AN1263: Designing for Electromagnetic Compatibility with Single-Chip
Microcontrollers
• AN2764: Improving the Transient Immunity Performance of Microcontroller-
Based Applications
• AN1259: System Design and Layout Techniques for Noise Reduction in MCU-
Based Systems
2.1.3.1 Radiated Emissions
Table 5. EMC radiated emissions operating behaviors for 32-pin QFN
package
Symbol
Description
Frequency
band
(MHz)
Typ.
Unit
Notes
VRE1
Radiated emissions voltage, band 1
0.15–50
4
dBμV
1, 2
VRE2
Radiated emissions voltage, band 2
50–150
6
dBμV
VRE3
Radiated emissions voltage, band 3
150–500
16
dBμV
VRE4
Radiated emissions voltage, band 4
500–1000
5
dBμV
VRE_IEC
IEC level
0.15–1000
M
—
2, 3
Nonswitching electrical specifications
12
MWPR1516 16 KB Flash, Rev2, 1/2015.
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com