Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MWPR1516CFM Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MWPR1516CFM
Description  MWPR1516 16 KB Flash 24 MHz Cortex-M0 Based Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1516CFM Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MWPR1516CFM Datasheet HTML 7Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 8Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 9Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 10Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 11Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 12Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 13Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 14Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
0.15
0.2
0.25
0.3
0.35
‐40 C
25 C
85 C
0
0.05
0.1
0
0.0005
0.001
0.0015
0.002
0.0025
0.003
0.0035
0.004
0.0045
0.005
I OL ( A)
V
O L(V)
Figure 3. Typical IOL Vs. VOL (standard drive strength) (VDD = 5 V)
2.1.2 Supply current characteristics
This section includes information about power supply current in various operating
modes.
Table 4. Supply current characteristics (at 5.5 V)
Parameter
Symbol
Bus Freq.
Typical1
Max.
Unit
Temp.
Run supply current FEI mode,
all modules clocks enabled;
run from flash
RIDD
24 MHz
13.17
—
mA
-40
―85 °C
12 MHz
9.37
—
6 MHz
7.49
—
Run supply current FEI mode,
all modules clocks disabled;
run from flash
RIDD
24 MHz
11.17
—
mA
-40
―85 °C
12 MHz
8.37
—
6 MHz
6.99
—
Run supply current FBE mode,
all modules clocks enabled;
run from RAM
RIDD
24 MHz
14.01
17
mA
-40
―85 °C
12 MHz
8.65
—
6 MHz
6.60
—
Run supply current FBE mode,
all modules clocks disabled;
run from RAM
RIDD
24 MHz
10.61
13
mA
-40
―85 °C
12 MHz
7.65
—
6 MHz
6.09
—
Wait mode current FBE mode,
all modules clocks enabled
WIDD
24 MHz
8.23
10
mA
-40
―85 °C
Table continues on the next page...
Nonswitching electrical specifications
MWPR1516 16 KB Flash, Rev2, 1/2015.
11
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com