Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS24B Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # SS24B
Description  Surface Mount Schottky Barrier Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SS24B Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  SS24B Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SS24B Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SS24B Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SS24B Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SS24B Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd SS24B Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd SS24B Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SS24B-SS210B
Surface Mount Schottky Barrier Rectifier
www.futurewafer.com.tw
Document Number:F11811S
23-Jun-2021 V 2.0
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
5. Rating and Characteristic Curve
Fig. 2 Typical Forward Characteristics
VF,Forward Voltage(V)
TA,Ambient Temperature(°C)
Fig. 1 ,Forward Current Derating Curve
Fig. 4 Typical Reverse Characteristics
Number of cycles at 60Hz
Percent of Rated Peak Reverse Voltage (%)
Fig. 3
Maximum Non-Repetitive Forward Surge Current
TJ=125°C
TJ=75°C
TJ=25°C
SS24B
SS26B
SS210B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com