Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS24B Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # SS24B
Description  Surface Mount Schottky Barrier Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SS24B Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  SS24B Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SS24B Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SS24B Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SS24B Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SS24B Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd SS24B Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd SS24B Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SS24B-SS210B
Surface Mount Schottky Barrier Rectifier
www.futurewafer.com.tw
Document Number:F11811S
23-Jun-2021 V 2.0
SMBJ
www.futurewafer.com.tw
Document Number:F11811S
23-Jun-2021 V 2.0
Maximum Ratings@25°C Unless Otherwise Specified
Parameter
Symbol
Value
Units
SS24B
SS26B
SS210B
Peak Reverse Current
V RRM
40
60
100
V
Reverse Current
V R
Average Forward Current
I O
2
A
Non-Repetitive Peak Forward Current (tp≤8.3ms)
I FSM
50
Operating Temperature
T J
°C
-55 ~ +150
Storage Temperature
T STG
1. Feature List
●
High Surge Current Capability
●
Low Power Loss, High Efficiency
2. Mechanical Characteristics
●
Molded JEDEC Package
- SMBJ
●
Packing: Tape and Reel
●
Flammability rating UL 94V-0
●
Halogen Free
●
JEDEC MSL Classification :Level 1
Parameter
Symbol
Min
Max
Units
Condition
Reverse Leakage Current
I R
@ VRWM = 40V
SS24B
-
150
uA
@ VRWM = 60V
SS26B
-
50
@ VRWM = 100V
SS210B
-
10
Forward Voltage
V F
IF = 2.0A
SS24B
-
500
mV
SS26B
-
700
SS210B
-
800
4. Electrical Characteristics (TA=25°C)
3. Absolute Maximum Ratings


Similar Part No. - SS24B

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
SS24B DACHANG-SS24B Datasheet
116Kb / 2P
Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 2.0 A
logo
Shenzhen Luguang Electr...
SS24B LUGUANG-SS24B Datasheet
248Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Rugao Dachang Electroni...
SS24B DACHANG-SS24B Datasheet
116Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Microdiode Semiconducto...
SS24B CHENDA-SS24B Datasheet
952Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SS24B LEIDITECH-SS24B Datasheet
283Kb / 3P
Schottky rectifier
More results

Similar Description - SS24B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com