Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS24B Datasheet(PDF) 5 Page - FutureWafer Tech Co.,Ltd

Part # SS24B
Description  Surface Mount Schottky Barrier Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SS24B Datasheet(HTML) 5 Page - FutureWafer Tech Co.,Ltd

  SS24B Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SS24B Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SS24B Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SS24B Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SS24B Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd SS24B Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd SS24B Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SS24B-SS210B
Surface Mount Schottky Barrier Rectifier
www.futurewafer.com.tw
Document Number:F11811S
23-Jun-2021 V 2.0
8. Taping and Reel Specification
Taping Width
Tape Orientation
12mm
Direction Of Feed
9. Embossed Carrier Tape Specifications
Dimension
W
B1
D
D1
E
F
K
P
P0
P2
t
W
Value
12
mm
8.2
Max
1.5+
0.1/-
1.5
Min.
1.75
±0.10
5.5
±0.05
4.5
Max.
8.0
±0.10
4.0
±0.10
2.0
±0.05
0.4
Max.
12
±0.3
A0 /
B0 /
K0
Determined by Component Size. The Clearance Between the Component And The Cavity Must
Comply to The Rotational And Lateral Movement Requirement Provided in Figures in The
“Maximum Component Movement in Tape Pocket” Section.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com