Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8560CVT667JC Datasheet(PDF) 101 Page - NXP Semiconductors

Part # MPC8560CVT667JC
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8560CVT667JC Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button MPC8560CVT667JC Datasheet HTML 97Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 98Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 99Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 100Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 101Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 102Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 103Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 104Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 4.2
Freescale Semiconductor
101
Document Revision History
3.0
Table 1—Corrected MII management voltage reference
Section 2.1.3—New
Table 2—Corrected MII management voltage reference
Table 5—Removed ‘minimum’ column
Table 5—Added AVDD power table
Table 8—New
Table 9—New
Table 9—New
Table 13—Added overshoot/undershoot note.
Figure 4—New
Table 16—Restated tMCKSKEW1 as tMCKSKEW, removed tMCKSKEW2; added speed-specific minimum
values for 333, 266, and 200 MHz; updated tDDSHME values.
Updated chapter to reflect that GMII, MII and TBI can be run with 2.5V signalling.
Table 29—Added MDIO output valid timing
Table 31—Updated tLBIVKH1, tLBIXKH1, and tLBOTOT.
Table 32—New
Figure 20, Figure 22—Updated clock reference
Table 34—Updated tTDIVKH
Table 35—Updated tTDKHOX
Added tables and figures for CPM I2C
Table 45—Updated tPCIVKH
Section 14.1— Changed minimum height from 2.22 to 3.07 and maximum from 2.76 to 3.75
Table 54.—Updated MII management voltage reference and added note 20.
Section 16.2.4.1—Changed
θJC from 0.3 to 0.8; changed die-junction temperature from 67° to 71°
Section 17.7—Added paragraph that begins “TSEC1_TXD[3:0]...”
2.1
Section 2.1.3—New
Table 16—Added speed-specific minimum values for 333, 266, and 200 MHz
Table 31—Replaced all references to TSEC1_TXD[6:5] to TSEC2_TXD[6:5]
Table 31—Added tLBSKEW and note 3
Table 31—Added comment about rev. 2.x devices to note 5
Section 14.1— Changed minimum height from 2.22 to 3.07 and maximum from 2.76 to 3.75
Section 16.2.4.1—Changed
θJC from 0.3 to 0.8; changed die-junction temperature from 67° to 71°
Section 17.7—Added paragraph that begins “TSEC1_TXD[3:0]...”
Table 62. Document Revision History (continued)
Rev. No.
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com