Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8560CVT667JC Datasheet(PDF) 102 Page - NXP Semiconductors

Part # MPC8560CVT667JC
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8560CVT667JC Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button MPC8560CVT667JC Datasheet HTML 98Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 99Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 100Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 101Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 102Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 103Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 104Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 105Page - NXP Semiconductors MPC8560CVT667JC Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 4.2
102
Freescale Semiconductor
Document Revision History
2.0
Section 1.1—Updated features list to coincide with latest version of the reference manual
Table 1 and Table 2— Addition of CPM to OVDD and OVIN; Addition of SYSCLK to OVIN
Table 2—Addition of notes 1 and 2
Table 3—Addition of note 1
Table 5—New
Section 4—New
Table 13—Addition of IVREF
Table 15—Modified maximum values for tDISKEW
Table 16—Added MSYNC_OUT to tMCKSKEW2
Figure 5—New
Section 6.2.1—Removed Figure 4, "DDR SDRAM Input Timing Diagram"
Section 7.1—Removed references to 2.5 V from first paragraph
Figure 8—New
Table 19 and Table 20—Modified “conditions” for IIH and I IL
Table 21—Addition of min and max for GTX_CLK125 reference clock duty cycle
Table 25—Addition of min and max for GTX_CLK125 reference clock duty cycle
Table 27—Addition of min and max for GTX_CLK125 reference clock duty cycle
Figure 17 and Figure 19—Changed LSYNC_IN to Internal clock at top of each figure
Table 34—Modified values for tFIIVKH, tNIIVKH, and tTDIVKH; addition of tPIIVKH and tPIIXKH.
Table 35—Modified values for tFEKHOX, tNIKHOX,tNEKHOX, tTDKHOX; addition of tPIKHOX.
Figure 16—New
Figure 30—New
Figure 16—New
Figure 16—New
Table 31—Removed row for tLBKHOX3
Table 44—New (AC timing of PCI-X at 66 MHz)
Table 54—Addition of note 19
Figure 61—Addition of jumper and note at top of diagram
Table 56—Changed max bus freq for 667 core to 166
Section 16.2.1—Modified first paragraph
Figure 52—Modified
Figure 53—New
Table 60—Modified thermal resistance data
Section 16.2.4.2—Modified first and second paragraphs
Table 62. Document Revision History (continued)
Rev. No.
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com